Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 5 Page - NXP Semiconductors

  IMX7SCEC Datasheet HTML 1Page - NXP Semiconductors IMX7SCEC Datasheet HTML 2Page - NXP Semiconductors IMX7SCEC Datasheet HTML 3Page - NXP Semiconductors IMX7SCEC Datasheet HTML 4Page - NXP Semiconductors IMX7SCEC Datasheet HTML 5Page - NXP Semiconductors IMX7SCEC Datasheet HTML 6Page - NXP Semiconductors IMX7SCEC Datasheet HTML 7Page - NXP Semiconductors IMX7SCEC Datasheet HTML 8Page - NXP Semiconductors IMX7SCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 155 page
background image
i.MX 7Solo introduction
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
5
• Frequency of the core (including NEON and L1 cache), as per Table 9.
• NEON MPE coprocessor
— SIMD Media Processing Architecture
— NEON register file with 32x64-bit general-purpose registers
— NEON Integer execute pipeline (ALU, Shift, MAC)
— NEON dual, single-precision floating point execute pipeline (FADD, FMUL)
— NEON load/store and permute pipeline
The Arm Cortex-M4 platform:
• Cortex-M4 CPU core
• MPU (memory protection unit)
• FPU (floating-point unit)
• 16 KByte instruction cache
• 16 KByte data cache
• 64 KByte TCM (tightly-coupled memory)
The SoC-level memory system consists of the following additional components:
— Boot ROM, including HAB (96 KB)
— Internal multimedia / shared, fast access RAM (256 KB of total OCRAM)
— Secure/nonsecure RAM (32 KB)
• External memory interfaces: The i.MX 7Solo family of processors supports the latest,
high-volume, cost effective DRAM, NOR, and NAND Flash memory standards.
— Up to 32-bit LP-DDR2-1066, DDR3-1066, DDR3L-1066, and LPDDR3-1066
— 8-bit NAND-Flash, including support for Raw MLC/SLC, 2 KB, 4 KB, and 8 KB page size,
BA-NAND, PBA-NAND, LBA-NAND, OneNAND™ and others. BCH ECC up to 62 bits.
— 16/32-bit NOR Flash. All EIMv2 pins are muxed on other interfaces.
Each i.MX 7Solo processor enables the following interfaces to external devices (some of them are muxed
and not available simultaneously):
• Displays—Available interfaces.
— One parallel 24-bit display port
— One MIPI DSI port
• Camera sensors:
— One parallel Camera port (up to 24 bit and up to 133 MHz peak)
— One MIPI-CSI port
• Expansion cards:
— Three MMC/SD/SDIO card ports all supporting the following. Moreover, the third port can
support HS400.
– 1-bit or 4-bit transfer mode specifications for SD and SDIO cards, up to 208 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com