Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 63 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 59Page - NXP Semiconductors IMX7SCEC Datasheet HTML 60Page - NXP Semiconductors IMX7SCEC Datasheet HTML 61Page - NXP Semiconductors IMX7SCEC Datasheet HTML 62Page - NXP Semiconductors IMX7SCEC Datasheet HTML 63Page - NXP Semiconductors IMX7SCEC Datasheet HTML 64Page - NXP Semiconductors IMX7SCEC Datasheet HTML 65Page - NXP Semiconductors IMX7SCEC Datasheet HTML 66Page - NXP Semiconductors IMX7SCEC Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
63
Figure 28 shows the LPDDR3 write timing diagram. The timing parameters for this diagram appear in
Table 44.
Figure 28. LPDDR3 write cycle
Table 43. LPDDR3 timing parameters1,2
1 All measurements are in reference to Vref level.
2 Measurements were done using balanced load and 25  resistor from outputs to DDR_VREF.
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
LP1 SDRAM clock high-level width
tCH
0.45
0.55
tCK
LP2 SDRAM clock low-level width
tCL
0.45
0.55
tCK
LP3 DRAM_CSx_B
tIS
390
—
ps
LP4 DRAM_CSx_E
tIH
390
—
ps
LP3 DRAM_CAS_B setup time
tIS
275
—
ps
LP4 DRAM_CAS_B hold time
tIH
275
—
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com