Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 61 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 57Page - NXP Semiconductors IMX7SCEC Datasheet HTML 58Page - NXP Semiconductors IMX7SCEC Datasheet HTML 59Page - NXP Semiconductors IMX7SCEC Datasheet HTML 60Page - NXP Semiconductors IMX7SCEC Datasheet HTML 61Page - NXP Semiconductors IMX7SCEC Datasheet HTML 62Page - NXP Semiconductors IMX7SCEC Datasheet HTML 63Page - NXP Semiconductors IMX7SCEC Datasheet HTML 64Page - NXP Semiconductors IMX7SCEC Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
61
1 All measurements are in reference to Vref level.
2 Measurements were done using balanced load and 25  resistor from outputs to VDD_REF.
Figure 25 shows the DDR3 write timing diagram. The timing parameters for this diagram appear in
Table 41.
Figure 25. DDR3 write cycle
1 To receive the reported setup and hold values, write calibration should be performed in order to locate the DRAM_SDQSx_P in
the middle of DRAM_DATAxx window.
2 All measurements are in reference to Vref level.
3 Measurements were taken using balanced load and 25  resistor from outputs to DDR_VREF.
Table 41. DDR3 write cycle
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
DDR17
DRAM_DATAxx and DRAM_DQMx setup time to DRAM_SDQSx_P
(differential strobe)
tDS
225
—
ps
DDR18
DRAM_DATAxx and DRAM_DQMx hold time to DRAM_SDQSx_P
(differential strobe)
tDH
250
—
ps
DDR21
DRAM_SDQSx_P latching rising transitions to associated clock edges
tDQSS
-0.25
+0.25
tCK
DDR22
DRAM_SDQSx_P high level width
tDQSH
0.45
0.55
tCK
DDR23
DRAM_SDQSx_P low level width
tDQSL
0.45
0.55
tCK
DRAM_SDCLKx_P
DRAM_SDCLKx_N
DRAM_SDQSx_P
DRAM_DATAxx
DRAM_DQMx
Data
Data
Data
Data
Data
Data
Data
Data
DM
DM
DM
DM
DM
DM
DM
DM
DDR17
DDR17
DDR17
DDR17
DDR18
DDR18
DDR18
DDR18
DDR21
DDR23
DDR22
(output)
(output)
(output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com