Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 52 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 48Page - NXP Semiconductors IMX7SCEC Datasheet HTML 49Page - NXP Semiconductors IMX7SCEC Datasheet HTML 50Page - NXP Semiconductors IMX7SCEC Datasheet HTML 51Page - NXP Semiconductors IMX7SCEC Datasheet HTML 52Page - NXP Semiconductors IMX7SCEC Datasheet HTML 53Page - NXP Semiconductors IMX7SCEC Datasheet HTML 54Page - NXP Semiconductors IMX7SCEC Datasheet HTML 55Page - NXP Semiconductors IMX7SCEC Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
52
Figure 14 to Figure 17 provide few examples of basic EIM accesses to external memory devices with the
timing parameters mentioned previously for specific control parameters settings.
Figure 14. Synchronous memory read access, WSC=1
1 t is the maximum EIM logic (axi_clk) cycle time. The maximum allowed axi_clk frequency depends on the fixed/non-fixed
latency configuration, whereas the maximum allowed EIM_BCLK frequency is:
—Fixed latency for both read and write is 132 MHz.
—Variable latency for read only is 132 MHz.
—Variable latency for write only is 52 MHz.
In variable latency configuration for write, if BCD = 0 & WBCDD = 1 or BCD = 1, axi_clk must be 104 MHz. Write BCD = 1 and
104 MHz axi_clk, will result in a EIM_BCLK of 52 MHz. When the clock branch to EIM is decreased to 104 MHz, other buses
are impacted which are clocked from this source. See the CCM chapter of the i.MX 7Solo Application Processor Reference
Manual (IMX7SRM) for a detailed clock tree description.
2 EIM_BCLK parameters are being measured from the 50% point, that is, high is defined as 50% of signal value and low is
defined as 50% as signal value.
3 For signal measurements, “High” is defined as 80% of signal value and “Low” is defined as 20% of signal value.
Last Valid Address
Address v1
D(v1)
EIM_BCLK
EIM_ADDRxx
EIM_DATAxx
EIM_WE_B
EIM_LBA_B
EIM_OE_B
EIM_EBx_B
EIM_CSx_B
WE4
WE5
WE6
WE7
WE10
WE11
WE13
WE12
WE14
WE15
WE18
WE19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com