Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03 Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMCT03
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMCT03_05 Datasheet HTML 7Page - SMSC Corporation EMCT03_05 Datasheet HTML 8Page - SMSC Corporation EMCT03_05 Datasheet HTML 9Page - SMSC Corporation EMCT03_05 Datasheet HTML 10Page - SMSC Corporation EMCT03_05 Datasheet HTML 11Page - SMSC Corporation EMCT03_05 Datasheet HTML 12Page - SMSC Corporation EMCT03_05 Datasheet HTML 13Page - SMSC Corporation EMCT03_05 Datasheet HTML 14Page - SMSC Corporation EMCT03_05 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
SMSC EMCT03
11
Revision 2.3 (04-19-05)
DATASHEET
Table 3.7 and Table 3.8 show that temperature data is stored in 2’s complement in both Legacy and
Extended Temperature Data Format. Both extended and legacy temperature formats are updated
simultaneously after every conversion cycle. Code 8000h is reserved for diode fault signaling which
occurs when open or short conditions are present between the external DP and DN pins.
3.7
Status Register
The Status register is a read only register and returns the operational status of the part. It indicates an
external diode fault conditions through bit 0 and 1. When either D1 or D2 is set, a faulty diode
connection is detected for external diode 1 or external diode 2 respectively. Also, when diode faults
are detected, temperature readings for the faulty external diode will return 8000h. The EMCT03 detects
both open and short conditions for the DP1/2 and DN1/2 pins. Bit 7 of the status register will be set
when the internal ADC is busy converting data.
3.8
Configuration Register
Bits 0 through bit 2 of the configuration register set the ADC conversion rate of the part:
+65
1
0000 0001 0000 0000
0100
+191
127
0111 1111 0000 0000
7F00
= +191.875
127.875
0111 1111 1110 0000
7FE0
Table 3.9 Status Register
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DEF
Status
Busy
-
-
-
-
-
D2
D1
00h
Table 3.10 Configuration Register
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DEF
Configuration
-
nRun/Stop
-
-
-
CR2
CR1
CR0
47h
Table 3.11 Configuration Register, Conversion Rate
CR2, CR1, CR0
CONVERSION RATE
000
Reserved
001
Reserved
010
Reserved
011
1 Conversions per second
100
2 Conversions per second
101
4 Conversions per second
110
8 Conversions per second
111
16 Conversions per second
Table 3.8 Extended Temperature Data Format (continued)
ACTUAL TEMP.
(
°C)
-64
°C OFFSET
(
°C)
2’S COMPLEMENT
OF -64
°C OFFSET
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com