Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMCT03
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMCT03_05 Datasheet HTML 3Page - SMSC Corporation EMCT03_05 Datasheet HTML 4Page - SMSC Corporation EMCT03_05 Datasheet HTML 5Page - SMSC Corporation EMCT03_05 Datasheet HTML 6Page - SMSC Corporation EMCT03_05 Datasheet HTML 7Page - SMSC Corporation EMCT03_05 Datasheet HTML 8Page - SMSC Corporation EMCT03_05 Datasheet HTML 9Page - SMSC Corporation EMCT03_05 Datasheet HTML 10Page - SMSC Corporation EMCT03_05 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
SMSC EMCT03
7
Revision 2.3 (04-19-05)
DATASHEET
Figure 3.2 Block Diagram of Temperature Measurement Circuit
Figure 3.2 shows a detailed block diagram of the temperature measurement circuit. As shown, the
EMCT03 incorporates switched capacitor technology that samples the external remote temperature
diode voltage at two bias currents and holds the difference voltage. The sample frequency is 100kHz
and the current levels Ihigh and Ilow are 170uA and 10uA respectively. The negative terminal for the
remote temperature diode, DN, is internally biased with a forward diode voltage referenced to ground.
The output of the switched capacitor sample and hold circuit interfaces to a single-bit sigma delta
analog-to-digital converter. This ADC runs at 100kHz sample frequency and its output is digitally filtered
and averaged over 2048 samples effectively generating 11 bit accuracy.
The advantages of this architecture over Nyquist rate FLASH or SAR converters are superb linearity
and inherent noise immunity. The linearity can be directly attributed to the sigma delta ADC single-bit
comparator while the noise immunity is achieved by the digital averaging filter. The overall effective
bandwidth of the system is fs/2048 which translates to a 50Hz bandwidth at 100kHz sample rate.
Conversion time equals about 20ms per temperature monitor which equals 60ms total for three
monitors when configured for maximum conversion rate (default).
The 11 bit conversion can be displayed in either legacy format or in extended range format. In Legacy
format, the temperature range covers –64ºC to 127ºC while in extended format, temperature readings
span -64ºC to 191ºC. It should be noted that the latter range is really meant to cover thermal diodes
with a non ideal curvature caused by factor n in equation (1) not being equal to exactly 1.000. In
general, it is not recommended to run silicon based thermal diodes at temperatures above 150ºC.
3.2
System Management Bus Interface Protocol
The EMCT03 communicates with a host controller, such as an SMSC SIO, through the SMBus. The
SMBus is a two wire serial communication protocol between a computer host and its peripheral
devices. Detailed timing diagrams can be found in the electrical characteristics of the SMBus. The
EMCT03 is SMBus 2.0 compatible and supports Write Byte and Read Byte as valid protocols as shown
below:
fs
Delta Vbe
Sample
&
Hold
I
bias
I
low
I
high
fs
1-bit
Sigma
Delta
Modulator
fs
Digital
Averaging
Filter
fs/2048
11-bit
Accurate
Conversion
V
DD
Internal or
Remote Diode
Bias
Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com