Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03 Datasheet(PDF) 16 Page - SMSC Corporation

Part # EMCT03
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button EMCT03_05 Datasheet HTML 8Page - SMSC Corporation EMCT03_05 Datasheet HTML 9Page - SMSC Corporation EMCT03_05 Datasheet HTML 10Page - SMSC Corporation EMCT03_05 Datasheet HTML 11Page - SMSC Corporation EMCT03_05 Datasheet HTML 12Page - SMSC Corporation EMCT03_05 Datasheet HTML 13Page - SMSC Corporation EMCT03_05 Datasheet HTML 14Page - SMSC Corporation EMCT03_05 Datasheet HTML 15Page - SMSC Corporation EMCT03_05 Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
Revision 2.3 (04-19-05)
16
SMSC EMCT03
DATASHEET
Chapter 5 Package Outline
Figure 5.1 8-Pin MSOP Package Outline - 3x3mm Body 0.65mm Pitch
Table 5.1 8-Pin MSOP Package Parameters
Notes:
1. Controlling Unit: millimeters.
2. Tolerance on the true position of the leads is ± 0.065 mm maximum.
3. Package body dimensions D and E1 do not include mold protrusion or flash. Dimensions D and
E1 to be determined at datum plane H. Maximum mold protrusion or flash is 0.15mm (0.006 inches)
per end, and 0.15mm (0.006 inches) per side.
4. Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5. Details of pin 1 identifier are optional but must be located within the zone indicated.
MIN
NOMINAL
MAX
REMARKS
A
0.80
~
1.10
Overall Package Height
A1
0.05
~
0.15
Standoff
A2
0.75
0.85
0.95
Body Thickness
D
2.80
3.00
3.20
X Body Size
E
4.65
4.90
5.15
Y Span
E1
2.80
~
3.20
Y body Size
H
0.08
~
0.23
Lead Foot Thickness
L
0.40
~
0.80
Lead Foot Length
L1
0.95 REF
Lead Length
e
0.65 BSC
Lead Pitch
θ
0o
~8o
Lead Foot Angle
W
0.22
~
0.38
Lead Width
ccc
~
~
0.10
Coplanarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com