Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03 Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMCT03
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMCT03_05 Datasheet HTML 5Page - SMSC Corporation EMCT03_05 Datasheet HTML 6Page - SMSC Corporation EMCT03_05 Datasheet HTML 7Page - SMSC Corporation EMCT03_05 Datasheet HTML 8Page - SMSC Corporation EMCT03_05 Datasheet HTML 9Page - SMSC Corporation EMCT03_05 Datasheet HTML 10Page - SMSC Corporation EMCT03_05 Datasheet HTML 11Page - SMSC Corporation EMCT03_05 Datasheet HTML 12Page - SMSC Corporation EMCT03_05 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
SMSC EMCT03
9
Revision 2.3 (04-19-05)
DATASHEET
During Power on Reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the POR level as
specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to any
undefined registers will not have an effect.
The EMCT03 uses an interlock mechanism that prevents changes in register content when fresh
readings come in from the ADC during successive reads from a host. When the High Byte is read, the
last conversion value is latched into the High Byte and Low Byte. Please note that the interlock
mechanism is only effective when reading the High Byte first.
3.4
Temperature Monitor Registers
As shown in Table 3.4, each temperature monitor has two byte wide data registers. The external
monitors are equipped with both legacy and extended data format. The 11 bit data temperature is
stored aligned to the left resulting in the High Byte to contain temperature in 1
°C steps and the Low
Byte to contain fractions of
°C as outlined below:
FAh
N/A
Extended Format Remote Temperature 1 High Byte
00h
FBh
N/A
Extended Format Remote Temperature 1 Low Byte
00h
FCh
N/A
Extended Format Remote Temperature 2 High Byte
00h
FDh
N/A
Extended Format Remote Temperature 2 Low Byte
00h
02h
N/A
Status register
00h
03h
09h
Configuration register
47h
N/A
0Fh
One Shot Command
--
FEh
N/A
Manufacturer Identifier
5Dh
FFh
N/A
Silicon Revision Identifier
01h
11h, 16h, 4Ah,
60h, 61h, 62h,
79h, 7Ah
11h, 16h, 4Ah,
60h, 61h, 62h,
79h, 7Ah
Reserved Registers for production test
Table 3.5 High Byte Temperature Register
REGISTER
BIT 7
BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1
BIT 0
Temperature High Byte Registers
00h, 01h, F8h, FAh, FCh
SIGN
64
32
16
8421
Table 3.6 Low Byte Temperature Register
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Temperature Low Byte Registers 23h,
10h, F9h, FBh, FDh
0.500
0.250
0.125
00000
Table 3.4 Register Table (continued)
REGISTER
READ
ADDRESS
REGISTER
WRITE
ADDRESS
REGISTER NAME
DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com