Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03 Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMCT03
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03 Datasheet(HTML) 3 Page - SMSC Corporation

  EMCT03_05 Datasheet HTML 1Page - SMSC Corporation EMCT03_05 Datasheet HTML 2Page - SMSC Corporation EMCT03_05 Datasheet HTML 3Page - SMSC Corporation EMCT03_05 Datasheet HTML 4Page - SMSC Corporation EMCT03_05 Datasheet HTML 5Page - SMSC Corporation EMCT03_05 Datasheet HTML 6Page - SMSC Corporation EMCT03_05 Datasheet HTML 7Page - SMSC Corporation EMCT03_05 Datasheet HTML 8Page - SMSC Corporation EMCT03_05 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
SMSC EMCT03
3
Revision 2.3 (04-19-05)
DATASHEET
Chapter 1 Pin Configuration
Figure 1.1 EMCT03 Pin Configuration
Table 1.1 Pin Description
PIN
PIN NO.
DESCRIPTION
DP1
1
Positive Analog Input for External Temperature Diode 1
DN1
2
Negative Analog Input for External Temperature Diode 1
DP2
3
Positive Analog Input for External Temperature Diode 2
DN2
4
Negative Analog Input for External Temperature Diode 2
GND
5
Ground
VDD
6
Supply Voltage
SMDATA
7
System Management Bus Data Input/Output, open drain output
SMCLK
8
System Management Bus Clock Input
Table 1.2 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage VDD
-0.3 to 5.0
V
Voltage on any other pin
-0.3 to VDD+0.3
V
Operating Temperature Range
0 to 85
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins Human Body Model
2000
V
EMCT03
TOP VIEW
8
7
6
5
1
2
3
4
DP1
DN1
DP2
DN2
SMCLK
SMDATA
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com