Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F040C Datasheet(PDF) 40 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 40 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 33Page - SPANSION MBM29F040C Datasheet HTML 34Page - SPANSION MBM29F040C Datasheet HTML 35Page - SPANSION MBM29F040C Datasheet HTML 36Page - SPANSION MBM29F040C Datasheet HTML 37Page - SPANSION MBM29F040C Datasheet HTML 38Page - SPANSION MBM29F040C Datasheet HTML 39Page - SPANSION MBM29F040C Datasheet HTML 40Page - SPANSION MBM29F040C Datasheet HTML 41Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
39
MBM29F040C-55/-70/-90
(Continued)
C
1997 FUJITSU LIMITED F32036S-2C-2
1
32
16
17
"A"
LEAD No.
19.00±0.20
(.748±.008)
0.10(.004)
20.00±0.20
(.787±.008)
18.40±0.20
(.724±.008)
0.15±0.05
(.006±.002)
0.50±0.10
(.020±.004)
8.00±0.20
(.315±.008)
7.50(.295)
REF.
0.20±0.10
(.008±.004)
0.50(.0197)
TYP
M
0.10(.004)
0.05(.002)MIN
(STAND OFF)
.043 −.002
+.004
−0.05
+0.10
1.10
0.25(.010)
0.15(.006)
0.15(.006)
MAX
0.35(.014)
MAX
Details of "A" part
INDEX
(Mounting Height)
Dimensions in mm(inches)
32-pin plastic TSOP(I)
(FPT-32P-M25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com