Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F040C Datasheet(PDF) 16 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 16 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 12Page - SPANSION MBM29F040C Datasheet HTML 13Page - SPANSION MBM29F040C Datasheet HTML 14Page - SPANSION MBM29F040C Datasheet HTML 15Page - SPANSION MBM29F040C Datasheet HTML 16Page - SPANSION MBM29F040C Datasheet HTML 17Page - SPANSION MBM29F040C Datasheet HTML 18Page - SPANSION MBM29F040C Datasheet HTML 19Page - SPANSION MBM29F040C Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
15
MBM29F040C-55/-70/-90
Write Operation Status
Notes: 1. Performing successive read operations from any address will cause DQ6 to toggle.
2. Reading the byte address being programmed while in the erase-suspend program mode will indicate logic
“1” at the DQ2 bit. However, successive reads from the erase-suspended sector will cause DQ2 to toggle.
3. DQ0 and DQ1 are reserve pins for future use. DQ4 is for Fujitsu internal use only.
DQ7
Data Polling
The MBM29F040C device features Data Polling as a method to indicate to the host that the Embedded Algorithms
are in progress or completed. During the Embedded Program Algorithm an attempt to read the device will produce
the compliment of the data last written to DQ7. Upon completion of the Embedded Program Algorithm, an attempt
to read the device will produce the true data last written to DQ7. During the Embedded Erase Algorithm, an
attempt to read the device will produce a “0” at the DQ7 output. Upon completion of the Embedded Erase Algorithm
an attempt to read the device will produce a “1” at the DQ7 output. The flowchart for Data Polling (DQ7) is shown
in Figure 15.
For chip erase, and sector erase the Data Polling is valid after the rising edge of the sixth WE pulse in the six
write pulse sequence. For sector erase, the Data Polling is valid after the last rising edge of the sector erase
WE pulse. Data Polling must be performed at sector address within any of the sectors being erased and not a
protected sector. Otherwise, the status may not be valid. Once the Embedded Algorithm operation is close to
being completed, the MBM29F040C data pins (DQ7) may change asynchronously while the output enable (OE)
is asserted low. This means that the device is driving status information on DQ7 at one instant of time and then
that byte’s valid data at the next instant of time. Depending on when the system samples the DQ7 output, it may
read the status or valid data. Even if the device has completed the Embedded Algorithm operation and DQ7 has
a valid data, the data outputs on DQ0 to DQ6 may be still invalid. The valid data on DQ0 to DQ7 will be read on
the successive read attempts.
The Data Polling feature is only active during the Embedded Programming Algorithm, Embedded Erase
Algorithm, or sector erase time-out. (See Table 6.)
See Figure 9 for the Data Polling timing specifications and diagrams.
Table 6
Hardware Sequence Flags
Status
DQ7
DQ6
DQ5
DQ3
DQ2
In Progress
Embedded Program Algorithm
DQ7
Toggle
0
0
1
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase
Suspended
Mode
Erase Suspend Read
(Erase Suspended Sector)
1100
Toggle
Erase Suspend Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Erase Suspend Program
Non-Erase Suspended Sector)
DQ7
Toggle
(Note 1)
00
1
(Note 2)
Exceeded
Time Limits
Embedded Program Algorithm
DQ7
Toggle
1
0
1
Program/Erase in Embedded Erase Algorithm
0
Toggle
1
1
N/A
Erase
Suspended
Mode
Erase Suspend Program
(Non-Erase Suspended Sector)
DQ7
Toggle
1
0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com