Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F040C Datasheet(PDF) 12 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 12 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 8Page - SPANSION MBM29F040C Datasheet HTML 9Page - SPANSION MBM29F040C Datasheet HTML 10Page - SPANSION MBM29F040C Datasheet HTML 11Page - SPANSION MBM29F040C Datasheet HTML 12Page - SPANSION MBM29F040C Datasheet HTML 13Page - SPANSION MBM29F040C Datasheet HTML 14Page - SPANSION MBM29F040C Datasheet HTML 15Page - SPANSION MBM29F040C Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
11
MBM29F040C-55/-70/-90
To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9
with CE and OE at VIL and WE at VIH. Scanning the sector addresses (A16, A17 and A18) while (A6, A1, A0) = (0,
1, 0) will produce a logical “1” code at device output DQ0 for a protected sector. Otherwise the device will read
00H for unprotected sector. In this mode, the lower order addresses, except for A0, A1 and A6 are DON’T CARES.
Address locations with A1 = VIL are reserved for Autoselect manufacturer and device codes.
It is also possible to determine if a sector is protected in the system by writing an Autoselect command. Performing
a read operation at the address location XX02H, where the higher order addresses (A16, A17 and A18) are the
sector address will produce a logical “1” at DQ0 for a protected sector. See Table 3 for Autoselect codes.
Notes: 1. Address bits A11 to A18 = X = “H” or “L” for all address commands except for Program Address (PA) and
Sector Address (SA).
2. Bus operations are defined in Table 2.
3. RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the
WE pulse.
SA = Address of the sector to be erased. The combination of A18, A17, and A16 will uniquely select any
sector.
4. RD = Data read from location RA during read operation.
PD = Data to be programmed at location PA. Data is latched on the falling edge of WE.
*: Either of the two reset commands will reset the device.
Command Definitions
Device operations are selected by writing specific address and data sequences into the command register.
Writing incorrect address and data values or writing them in the improper sequence will reset the device to read
mode. Table 5 defines the valid register command sequences. Note that the Erase Suspend (B0H) and Erase
Resume (30H) commands are valid only while the Sector Erase operation is in progress. Moreover, both Read/
Reset Commands are functionally equivalent, resetting the device to the read mode.
Table 5
MBM29F040C Command Definitions
Command
Sequence
Read/Reset
Bus
Write
Cycles
Req'd
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset*
1
XXXH F0H
——————————
Read/Reset*
4
555H
AAH
2AAH
55H
555H
F0H
RA
RD
————
Autoselect
3
555H
AAH
2AAH
55H
555H
90H
——————
Byte Program
4
555H
AAH
2AAH
55H
555H
A0H
PA
PD
————
Chip Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
555H
10H
Sector Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
SA
30H
Sector Erase Suspend
Erase can be suspended during sector erase with Addr (“H” or “L”). Data (B0H)
Sector Erase Resume
Erase can be resumed after suspend with Addr (“H” or “L”). Data (30H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com