Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 49 Page - Analog Devices

Part # LTM4686
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 45Page - Analog Devices LTM4686 Datasheet HTML 46Page - Analog Devices LTM4686 Datasheet HTML 47Page - Analog Devices LTM4686 Datasheet HTML 48Page - Analog Devices LTM4686 Datasheet HTML 49Page - Analog Devices LTM4686 Datasheet HTML 50Page - Analog Devices LTM4686 Datasheet HTML 51Page - Analog Devices LTM4686 Datasheet HTML 52Page - Analog Devices LTM4686 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
LTM4683
49
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
PMBus COMMANDS
Table 7 lists supported PMBus commands and manufac-
turer-specific commands. A complete description of these
commands can be found in the “PMBus Power System
Management Protocol Specification – Part II – Revision
1.2”. Users are encouraged to reference this specifica-
tion. Exceptions or manufacturer-specific implementations
are listed in Table 7. Floating point values listed in the
“DEFAULT VALUE” column are either Linear 16-bit signed
(PMBus Section 8.3.1) or Linear_5s_11s (PMBus Section
7.1) format, whichever is appropriate for the command. All
commands from 0xD0 through 0xFF not listed in Table 7
are implicitly reserved by the manufacturer. Users should
avoid blind writes within this range of commands to avoid
the undesired operation of the part. All commands from
0x00 through 0xCF not listed in Table 7 are implicitly not
supported by the manufacturer. Attempting to access non-
supported or reserved commands may result in a CML
command fault event. All output voltage settings and mea-
surements are based on the VOUT_MODE setting of 0x14.
This translates to an exponent of 2–12.
If PMBus commands are received faster than they are
being processed, the part may become too busy to handle
new commands. In these circumstances, the part follows
the protocols defined in the PMBus Specification v1.2,
Part II, Section 10.8.7, to communicate that it is busy.
The part includes handshaking features to eliminate busy
errors and simplify error-handling software while ensur-
ing robust communication and system behavior. See the
PMBus Communication and Command Processing sub-
section in the Applications Information section for further
details.
Table 7. PMBus Commands Summary (NOTE: The Data Format Abbreviations are Detailed in Table 8)
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PAGE
PAGE
0x00 Provides integration with multi-page
PMBus devices.
R/W Byte
N
Reg
0x00
83
OPERATION
0x01 Operating mode control. On/off, margin
high and margin low.
R/W Byte
Y
Reg
Y
0x80
87
ON_OFF_CONFIG
0x02 RUN pin and PMBus bus on/off command
configuration.
R/W Byte
Y
Reg
Y
0x1E
87
CLEAR_FAULTS
0x03 Clear any fault bits that have been set.
Send Byte
N
NA
112
PAGE_PLUS_WRITE
0x05 Write a command directly to a
specified page.
W Block
N
83
PAGE_PLUS_READ
0x06 Read a command directly from a
specified page.
Block R/W
N
83
WRITE_PROTECT
0x10 Level of protection provided by the device
against accidental changes.
R/W Byte
N
Reg
Y
0x00
84
STORE_USER_ALL
0x15 Store user operating memory to EEPROM.
Send Byte
N
NA
122
RESTORE_USER_ALL
0x16 Restore user operating memory from
EEPROM.
Send Byte
N
NA
122
CAPABILITY
0x19 Summary of PMBus optional communication
protocols supported by this device.
R Byte
N
Reg
0xB0
111
SMBALERT_MASK
0x1B Mask ALERT activity
Block R/W
Y
Reg
Y
See CMD
112
VOUT_MODE
0x20 Output voltage format and exponent (2–12).
R Byte
Y
Reg
2–12
0x14
93
VOUT_COMMAND
0x21 Nominal output voltage set point.
R/W Word
Y
L16
V
Y
0.5
0x0800
94
VOUT_MAX
0x24 The upper limit on the commanded output
voltage, including VOUT_MARGIN_HI.
R/W Word
Y
L16
V
Y
1.1
0x119A
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com