Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4686
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 7Page - Analog Devices LTM4686 Datasheet HTML 8Page - Analog Devices LTM4686 Datasheet HTML 9Page - Analog Devices LTM4686 Datasheet HTML 10Page - Analog Devices LTM4686 Datasheet HTML 11Page - Analog Devices LTM4686 Datasheet HTML 12Page - Analog Devices LTM4686 Datasheet HTML 13Page - Analog Devices LTM4686 Datasheet HTML 14Page - Analog Devices LTM4686 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
LTM4683
11
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
turn relate to Channel 0, 2 (VOUT0,2), and Channel 1, 3 (VOUT1, 3). Registers
containing non-page-specific data, i.e., whose data is “global” to the
module, or applies to all of the module’s channels, lack the italicized “n”,
e.g., FREQUENCY_SWITCH.
Note 5: VOUTn (DC) and line and load regulation tests are performed in
production with digital servo disengaged (MFR_PWM_MODEn[6] = 0b),
and low VOUTn range selected MFR_PWM_MODEn[1] = 1b. The digital
servo control loop is exercised in production (setting MFR_PWM_
MODEn[6] = 1b). However, the convergence of the output voltage to its
final settling value is not necessarily observed in the final test—due to
potentially long-time constants involved—and is instead guaranteed
by the output voltage readback accuracy specification. Evaluation
in application demonstrates capability; see the Typical Performance
Characteristics section.
Note 6: See output current derating curves for different VIN, VOUT, and TA,
located in the Applications Information section.
Note 7: Part tested with pulse-width modulation disabled. Evaluation
in application demonstrates capability. TUE(%) = analog-to-digital
converter (ADC) gain error (%) + 100 (zero code offset + ADC Linearity
Error)/Actual Value.
Note 8: Minimum on-time is tested at wafer sort.
Note 9: The data conversion is done by default in a round-robin fashion.
All input signals are continuously converted for a typical latency of 90ms.
Setting MFR_ADC_CONTRL value to be 0 to 12, LTM4683 can do fast
data conversion with only 8ms to 10ms. See the PMBus Command
Details section.
Note 10: The following telemetry parameters are formatted in PMBus-
defined “Linear Data Format”, in which each register contains a word
comprised of 5 most significant bits—representing a signed exponent, to
be raised to the power of 2—and 11 least significant bits—representing
a signed mantissa: input voltage (on SVIN_nn), accessed through the
READ_VIN command code; output currents (IOUTn), accessed through the
READ_IOUTn command codes; module input current (IVIN_nn + IVIN_nn +
ISVIN_nn), accessed through the READ_IIN command code; channel input
currents (IVIN_nn + 1/2 • ISVIN_nn), accessed through the MFR_READ_IINn
command codes; and duty cycles of Channel 0 and Channel 1 switching
power stages, accessed through the READ_DUTY_CYCLEn command
codes. This data format limits the resolution of telemetry readback data
to 10 bits, even though the internal ADC is 16 bits and the LTM4683’s
internal calculations use 32-bit words.
Note 11: The absolute maximum rating for the SVIN_nn pin is 16V. Input
voltage telemetry (READ_VIN) is obtained by digitizing a voltage scaled
down from the SVIN_nn pin.
Note 12: These typical parameters are based on bench measurements and
are not production tested.
Note 13: Channel 0 to Channel 3 OV/UV comparator threshold accuracy
for 0.3V to 0.7V are 5%.
Note 14: Tested at IC-level automatic test equipment (ATE).
Note 15: The LTM4683’s EEPROM temperature range for valid write
commands is 0°C to 85°C. To achieve guaranteed EEPROM data retention,
execution of the “STORE_USER_ALL” command—i.e., uploading RAM
contents to NVM (nonvolatile memory)—outside this temperature range
is not recommended. However, if the LTM4683’s EEPROM temperature is
less than 130°C, the LTM4683 will obey the STORE_USER_ALL command.
Only when EEPROM temperature exceeds 130°C the LTM4683 will not act
on any STORE_USER_ALL transactions; instead, the LTM4683 NACKs the
serial command and asserts its relevant CML (communications, memory,
logic) fault bits. EEPROM temperature can be queried before commanding
STORE_USER_ALL; see the Applications Information section.
Note 16: The LTM4683 includes overtemperature (OT) protection intended
to protect the device during momentary overload conditions. The junction
temperature will exceed 125°C when OT protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Figure 1. Programmable RCOMPn
CODE
0
5
10
15
20
25
30
35
0
6
12
19
25
31
37
43
50
56
62
4683 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com