Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4686
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 9Page - Analog Devices LTM4686 Datasheet HTML 10Page - Analog Devices LTM4686 Datasheet HTML 11Page - Analog Devices LTM4686 Datasheet HTML 12Page - Analog Devices LTM4686 Datasheet HTML 13Page - Analog Devices LTM4686 Datasheet HTML 14Page - Analog Devices LTM4686 Datasheet HTML 15Page - Analog Devices LTM4686 Datasheet HTML 16Page - Analog Devices LTM4686 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 132 page
background image
LTM4683
13
Rev. 0
For more information www.analog.com
Single Channel Load Transient
Response (0A) to (10A) Load
Step, 10A/µs, VIN = 12V,
VOUT = 0.3V, fSW = 250kHz
Single Channel Load Transient
Response (0A) to (10A) Load Step,
10A/µs VIN = 12V, VOUT = 0.6V,
fSW = 500kHz
Single Channel Load Transient
Response (0A) to (10A) Load Step,
10A/µs VIN = 12V, VOUT = 0.7V,
fSW = 575kHz
Single Channel Load Transient
Response (0A) to (10A) Load Step,
10A/µs, VIN = 12V, VOUT = 0.4V,
fSW = 350kHz
50mV/DIV
LOAD STEP
5A/DIV
200 S/DIV
FIGURE 48 CIRCUIT, 12V TO 0.3V, FREQ = 250kHz
COUT = 560F ×4 POSCAP, 100F ×4 CERAMIC
RCOMP = 13k, EA-gm = 3.02mS,
COMPna = 4.7nF, COMPnb = 150pF
IOUT RANGE HIGH, VOUT RANGE LOW
4683 G05
50mV/DIV
LOAD STEP
5A/DIV
200µs/DIV
FIGURE 48 CIRCUIT, 12V TO 0.4V, FREQ = 350kHz
COUT = 560F ×4 POSCAP, 100F ×4 CERAMIC
RCOMP = 13k, EA-gm = 3.02mS,
COMPna = 4.7nF, COMPnb = 150pF
IOUT RANGE HIGH, VOUT RANGE LOW
4683 G06
50mV/DIV
LOAD STEP
5A/DIV
200µs/DIV
FIGURE 48 CIRCUIT, 12V TO 0.6V, FREQ = 500kHz
COUT = 560F ×4 POSCAP, 100F ×4 CERAMIC
RCOMP = 13k, EA-gm = 3.02mS,
COMPna = 4.7nF, COMPnb = 150pF
IOUT RANGE HIGH, VOUT RANGE LOW
4683 G07
50mV/DIV
LOAD STEP
5A/DIV
200µs/DIV
FIGURE 48 CIRCUIT, 12V TO 0.7V, FREQ = 575kHz
COUT = 560F ×4 POSCAP, 100F ×4 CERAMIC
RCOMP = 13k, EA-gm = 3.02mS,
COMPna = 4.7nF, COMPnb = 150pF
IOUT RANGE HIGH, VOUT RANGE LOW
4683 G08
TYPICAL PERFORMANCE CHARACTERISTICS TA=25°C,unlessotherwisenoted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com