Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C524 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # P83C524
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button P83C524 Datasheet HTML 50Page - NXP Semiconductors P83C524 Datasheet HTML 51Page - NXP Semiconductors P83C524 Datasheet HTML 52Page - NXP Semiconductors P83C524 Datasheet HTML 53Page - NXP Semiconductors P83C524 Datasheet HTML 54Page - NXP Semiconductors P83C524 Datasheet HTML 55Page - NXP Semiconductors P83C524 Datasheet HTML 56Page - NXP Semiconductors P83C524 Datasheet HTML 57Page - NXP Semiconductors P83C524 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
1997 Dec 15
54
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
Notes to the DC characteristics
1. Conditions for:
a) The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr =tf = 5 ns;
VIL =VSS +0.5 V; VIH =VDD −0.5 V; XTAL2 not connected; EA = RST = Port 0 = P1.6 = P1.7 = VDD;
the WDT is disabled (by the external RESET).
2. Conditions for:
a) The Idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr =tf = 5 ns;
VIL =VSS +0.5 V; VIH =VDD −0.5 V; XTAL2 not connected; the WDT is disabled; EA = RST = VSS;
Port 0 = P1.6 = P1.7 = VDD.
3. Conditions for:
a) The Power-down current is measured with all output pins disconnected; XTAL2 not connected;
WDT is disabled; EA = RST = XTAL1 = VSS; Port 0 = P1.6 = P1.7 = VDD.
4. Capacitive loading on Port 0 and Port 2 may cause spurious noise pulses to be superimposed on the LOW level
output voltage of ALE, Port 1 and Port 3. The noise is due to external bus capacitance discharging into the Port 0
and Port 2 pins when these pins make a HIGH-to-LOW transition during bus operations. In the worst cases
(capacitive loading
> 100pF), the noise pulse on the ALE line may exceed 0.8 V. In such cases it may be desirable
to qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
5. Capacitive loading on Port 0 and Port 2 may cause the HIGH level output voltage on ALE and PSEN to momentarily
fall below the 0.9 VDD specification when the address bits are stabilizing.
6. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so a voltage below 0.3 VDD will be
recognized as a logic 0 while an input above 0.7 VDD will be recognized as a logic 1.
7. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
a) Maximum IOL per port pin:10 mA.
b) Maximum IOL per 8-bit port:- Port 0: 26 mA; Ports 1, 2 and 3: 15 mA.
c) Maximum total IOL for all output pins: 71 mA. If IOL exceeds the test condition,
VOL may exceed the related specification.
d) Pins are not guaranteed to sink current greater than the listed test conditions.
8. IDD max. at other frequencies can be derived from Fig.26 where f is the external oscillator frequency in MHz;
IDD max. is given in mA.
VOH1
HIGH level output voltage
Port0in in external bus mode,
ALE, PSEN, RST
IOH = −800 µA;
VDD =5V± 10%
IOH = −300 µA;
IOH = −80 µA; note 5
2.4
0.75VDD
0.9VDD
−
−
−
V
RRST
RST pull
−down resistor
50
150
k
Ω
CI/O
I/O pin capacitance
test frequency = 1 MHz;
Tamb =25 °C
−
10
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com