Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C524 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P83C524
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P83C524 Datasheet HTML 24Page - NXP Semiconductors P83C524 Datasheet HTML 25Page - NXP Semiconductors P83C524 Datasheet HTML 26Page - NXP Semiconductors P83C524 Datasheet HTML 27Page - NXP Semiconductors P83C524 Datasheet HTML 28Page - NXP Semiconductors P83C524 Datasheet HTML 29Page - NXP Semiconductors P83C524 Datasheet HTML 30Page - NXP Semiconductors P83C524 Datasheet HTML 31Page - NXP Semiconductors P83C524 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
1997 Dec 15
28
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
Fig.15 Timer 2 in automatic reload mode.
handbook, full pagewidth
MBC469 - 1
TL2
(8 BITS)
TR2
control
TH2
(8 BITS)
RCAP2L
RCAP2H
EXF2
TF2
timer 2
interrupt
EXEN2
control
C/T2 = 0
C/T2 = 1
T2 PIN
12
OSC
transition
detector
T2EX PIN
reload
Fig.16 Timer 2 in baud rate generator mode.
handbook, full pagewidth
MBC470 - 1
TL2
(8 BITS)
TR2
control
TH2
(8 BITS)
RCAP2L
RCAP2H
EXF2
EXEN2
control
C/T2 = 0
C/T2 = 1
T2 PIN
2
OSC
transition
detector
T2EX PIN
"TIMER 2"
interrupt
(additional external
interrupt)
(note: divided by 2
not by 12)
16
RCLK
16
TCLK
RX CLOCK
TX CLOCK
SMOD
10
10
1
0
2
TIMER 1
overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com