| Electronic Components Datasheet Search |
|
P83C524 Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C524 Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 76 page ![]() 1997 Dec 15 32 Philips Semiconductors Product specification 8-bit microcontrollers P83C524; P80C528; P83C528 13 BIT-LEVEL I2C INTERFACE This bit-level serial I/O interface supports the I2C-bus (see Fig.18). P1.6/SCL and P1.7/SDA are the serial I/O pins. These two pins meet the I2C specification concerning the input levels and output drive capability. Consequently, these pins have an open drain output configuration. All four modes of the I2C-bus are supported: • master transmitter • master receiver • slave transmitter • slave receiver. The advantages of the bit-level I2C hardware compared with a full software I2C implementation are: • the hardware can generate the SCL pulse • testing a single bit (RBF respectively, WBF) is sufficient as a check for error free transmission. The bit-level I2C hardware operates on serial bit level and performs the following functions: • filtering the incoming serial data and clock signals • recognizing the START condition • generating a serial interrupt request SI after reception of a START condition and the first falling edge of the serial clock • recognizing the STOP condition • recognizing a serial clock pulse on the SCL line • latching a serial bit on the SDA line (SDI) • stretching the SCL LOW period of the serial clock to suspend the transfer of the next serial data bit • setting Read Bit Finished (RBF) when the SCL clock pulse has finished and Write Bit Finished (WBF) if there is no arbitration loss detected (i.e. SDA = 0 while SDO = 1) • setting a serial clock LOW-to-HIGH detected (CLH) flag • setting a Bus Busy (BB) flag on a START condition and clearing this flag on a STOP condition • releasing the SCL line and clearing the CLH, RBF and WBF flags to resume transfer of the next serial data bit • generating an automatic clock if the single bit data register S1BIT is used in master mode. The following functions must be done in software: • handling the I2C START interrupts • converting serial to parallel data when receiving • converting parallel to serial data when transmitting • comparing the received slave address with its own • interpreting the acknowledge information • guarding the I2C status if RBF or WBF = 0. additionally, if acting as master: • generating START and STOP conditions • handling bus arbitration • generating serial clock pulses if S1BIT is not used. Three SFRs control the bit-level I2C interface: S1INT, S1BIT and S1SCS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |