Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83CL882T/001 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P83CL882T/001
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882T/001 Datasheet(HTML) 3 Page - NXP Semiconductors

  P83CL882T/001 Datasheet HTML 1Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 2Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 3Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 4Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 5Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 6Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 7Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 8Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
2001 Jun 19
3
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
1
FEATURES
• Full static asynchronous handshake 80C51 CPU;
enhanced 8-bit architecture with:
– Standard 80C51 instruction set
– CPU speed independent of clock frequency, average
speed: 4.8 Mips at 3.0 V
– Non-page oriented instructions
– Direct addressing
– Four 8-byte RAM register banks
– Stack depth limited only by available internal RAM
(maximum 128 bytes)
– Multiply, divide, subtract and compare instructions.
• 17 source, 17 vector interrupt structure with two priority
levels, polarity and sensitivity choice
• 24 general purpose I/O pins
• Timer 0 and 1: two standard 16-bit timer/event counters
• Timer 2: 16-bit timer/event counter with capture,
compare and auto-reload function
• Watchdog Timer
• Wake-up counter
• Idle and Power-down modes
• 4-kbyte ROM: mask programmed read only memory
• Supply voltage: 1.8 to 3.6 V
• 128 bytes RAM
• Internal crystal oscillator
• Reset I/O pin for external reset from master or to slave
• MSK modem including Manchester encoder/decoder
with 2 digital outputs (by SW) for analog cordless
telephones (standards CT0/CT1/CT1+)
• I2C-bus master/slave (transmitter/receiver, maximum
frequency 400 kHz).
2
GENERAL DESCRIPTION
The P83CL882 is manufactured in an advanced CMOS
technology. The P83CL882 is a member of the VTELX
family of low-power, low-voltage 80CL51 microcontrollers
with advanced features for telecom applications. The
Philips exclusive, asynchronous handshaking technology
has been used for the CPU implementation which makes
the CPU to run at its maximum speed independent of the
used crystal frequency.
The P83CL882 is especially suited for low cost analog
cordless telephone applications (CT0, CT1 and CT1+
standards) and wired feature phones. For this purpose,
functions like MSK modem and I2C-bus are integrated
on-chip.
The device is optimized for low-power consumption. It has
two software selectable modes for power reduction: Idle
and Power-down. In addition, the clock to all unused
peripheral blocks can be switched off.
The instruction set is based on that of the 80C51. The
P83CL882 also functions as an arithmetic processor
having facilities for both binary and BCD arithmetic plus
bit-handling capabilities. The instruction set consists of
over 100 instructions: 49 one-byte, 46 two-byte, and
16 three-byte. Port 2 is not incorporated, therefore there is
no external data or memory access and the MOVX
operations cannot be used.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
P83CL882T/xxx
TSSOP32
plastic thin shrink small outline package; 32 leads;
body width 6.1 mm
SOT487-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com