Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83CL882T/001 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P83CL882T/001
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882T/001 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P83CL882T/001 Datasheet HTML 31Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 32Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 33Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 34Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 35Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 36Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 37Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 38Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
2001 Jun 19
35
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.5.3
TIMER/COUNTER 0 AND 1CONTROL REGISTER (TCON)
Table 38 Timer/Counter 0 and 1 Control Register (SFR address 88H)
Table 39 Description of TCON bits
Note
1. If the Timer 0 or Timer 1 is not enabled (TR0 or TR1), the clock to Timer 0/1 is switched off for power saving.
6.5.4
TIMER/COUNTER 0 AND 1MODE CONTROL REGISTER (TMOD)
Table 40 Timer/Counter 0 and 1 Mode Control Register (SFR address 89H)
Table 41 Description of TMOD bits
76543210
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
BIT
SYMBOL
DESCRIPTION
7
TF1
Timer 1 overflow flag. Set by hardware on timer/counter overflow; cleared by hardware
when processor vectors to interrupt routine, or clearing the bit in software.
6
TR1
Timer 1 run control bit. Set/cleared by software to turn timer/counter on/off; note 1.
5
TF0
Timer 0 overflow flag. Set by hardware on timer/counter overflow; cleared by hardware
when processor vectors to interrupt routine, or by clearing the bit in software.
4
TR0
Timer 0 run control bit. Set/cleared by software to turn timer/counter on/off; note 1.
3
IE1
Interrupt 1 edge flag. Set by hardware when external interrupt edge detected; cleared
when interrupt processed.
2
IT1
Interrupt 1 type control bit. Set/cleared by software. If IT1 = 1, then external interrupt
is LOW-level triggered. If IT1 = 0, then external interrupt is falling edge triggered.
1
IE0
Interrupt 0 edge flag. Set by hardware when external interrupt edge detected; cleared
when interrupt processed.
0
IT0
Interrupt 0 type control bit. Set/cleared by software. If IT0 = 1, then external interrupt
is LOW-level triggered. If IT0 = 0, then external interrupt is falling edge triggered.
76543210
GATE
C/TM1
M0
GATE
C/TM1
M0
BIT
SYMBOL
DESCRIPTION
7GATE
Gating control. When set Timer/Counter 1 is enabled only while INT1 pin is HIGH and
TR1 control pin is set; when cleared Timer 1 is enabled whenever TR1 control bit is set.
6C/T
Timer or counter selector. Cleared for timer operation (counts on fPSC); set for counter
operation (input from T1 input pin).
5M1
Timer 1 mode select. See Table 42.
4M0
3GATE
Gating control. When set Timer/Counter 0 is enabled only while INT0 pin is HIGH and
TR0 control pin is set; when cleared Timer 0 is enabled whenever TR0 control bit is set.
2C/T
Timer or counter selector. Cleared for timer operation (counts on fPSC); set for counter
operation (input from T0 input pin).
1M1
Timer 0 mode select. See Table 42.
0M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com