Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVR Datasheet(PDF) 18 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114AIRGVR
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114AIRGVR Datasheet(HTML) 18 Page - Burr-Brown (TI)

Back Button LOG114AIRGVR Datasheet HTML 14Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 15Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 16Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 17Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 18Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 19Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 20Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 21Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 22Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
18
VOLTAGE INPUTS
The LOG114 provides the best performance with cur-
rent inputs. Voltage inputs may be handled directly by
using a low-impedance voltage source with series resis-
tors, but the dynamic input range is limited to approxi-
mately three decades of input voltage. This limitation
exists because of the magnitude of the required input
voltage and size of the corresponding series resistor.
For 10nA of input current, a 10V voltage source and a
1G
Ω resistor would be required. Voltage and current
noise from these sources must be considered and can
limit the usefulness of this technique.
APPLICATION CIRCUITS
LOG RATIO
One of the more common uses of log ratio amplifiers is
to measure absorbance. See Figure 10 for a typical ap-
plication. Absorbance of the sample is A = log
λ1′/λ1. If
D1 and D2 are matched, A ∝ (0.375V) log(I1/I2).
I
2
I1
D
2
D
1
Sample
λ
1′
λ
1
λ
1
Light
Source
Q 1
R 1
R2
R5
R6
LO G114
R 3
R4
V O4
(2)
− IN
4
+IN4
V LOGOUT
(1)
+IN
5
− IN
5
VO5
V CM IN
I1
4
10
10
9
14
5
3
15
13
12
16
VREF
2.5VREF
V
−
V REF GND
Q 2
A3
A1
A2
A4
A5
I2
V+
1
86
7
Com
+5V
NO TE S: (1) VLOGOUT =0.375 × log(I1/I2).
(2) VO4 =0.375 × K × log(I1/I2)
K= 1 + R6/R5.
Figure 10. Using the LOG114 to Measure Absorbance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com