Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114AIRGVR
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114AIRGVR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  LOG114AIRGVR Datasheet HTML 1Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 2Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 3Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 4Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 5Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 6Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 7Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 8Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FEATURES
D ADVANTAGES:
− Tiny for High Density Systems
− Precision on One Supply
− Fast Over Eight Decades
− Fully-Tested Function
D TWO SCALING AMPLIFIERS
D WIDE INPUT DYNAMIC RANGE:
Eight Decades, 100pA to 10mA
D 2.5V REFERENCE
D STABLE OVER TEMPERATURE
D LOW QUIESCENT CURRENT: 10mA
D DUAL OR SINGLE SUPPLY: +5V, +5V
D PACKAGE: Small QFN-16 (4mm x 4mm)
D SPECIFIED TEMPERATURE RANGE:
−5
°C to +75°C
APPLICATIONS
D ONET ERBIUM-DOPED FIBER OPTIC
AMPLIFIER (EDFA)
D LASER OPTICAL DENSITY MEASUREMENT
D PHOTODIODE SIGNAL COMPRESSION AMP
D LOG, LOG-RATIO FUNCTION
D ANALOG SIGNAL COMPRESSION IN FRONT
OF ANALOG-TO-DIGITAL (ADC) CONVERTER
D ABSORBANCE MEASUREMENT
DESCRIPTION
The LOG114 is specifically designed for measuring
low-level
and
wide
dynamic
range
currents
in
communications,
lasers,
medical,
and
industrial
systems. The device computes the logarithm or log-ratio
of an input current or voltage relative to a reference
current
or
voltage
(logarithmic
transimpedance
amplifier).
High precision is ensured over a wide dynamic range of
input signals on either bipolar (
±5V) or single (+5V)
supply. Special temperature drift compensation circuitry
is included on-chip. In log-ratio applications, the signal
current may be from a high impedance source such as
a photodiode or resistor in series with a low impedance
voltage source. The reference current is provided by a
resistor in series with a precision internal voltage
reference, photo diode, or active current source.
The output signal at VLOGOUT has a scale factor of 0.375V
out per decade of input current, which limits the output
so that it fits within a 5V or 10V range. The output can be
scaled and offset with one of the available additional
amplifiers, so it matches a wide variety of ADC input
ranges.
Stable
dc
performance
allows
accurate
measurement
of
low-level
signals
over
a
wide
temperature range. The LOG114 is specified over a
−5
°C to +75°C temperature range and can operate from
−40
°C to +85°C.
All trademarks are the property of their respective owners.
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
Single-Supply, High-Speed, Precision
LOGARITHMIC AMPLIFIER
www.ti.com
Copyright
 2004−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Q
1
200
Ω
R
1
(1)
1250
Ω
R
2
R
5
R
6
200
Ω
R3(1)
RREF
1250
Ω
R4
VO4(3)
−IN
4
+IN4
V
LOGOUT
+IN5
−IN
5
VO5
V
CM IN
I1
4
18
6
7
I
1 and I2 are current inputs
from a photodiode
or other current source
11
10
9(2)
14
5
3
15
13
12
16
VREF
2.5V
V
−
Com
V REF GND
Q
2
A
3
(4)
A
1
A2
A
4
LOG114
A
5
I
REF
I
2
V+
REF
NOTES: (1) Thermally dependent R1 and R3
provide temperature compensation.
(2) VLOGOUT = 0.375 × log(I1/I2).
(3) V
O4 =0.375 × K × log(I1/I2)
K= 1 + R6/R5.
(4) Differential Amplifier (A
3) Gain = 6.25


Similar Part No. - LOG114AIRGVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG114AIRGVR BURR-BROWN-LOG114AIRGVR Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
logo
Texas Instruments
LOG114AIRGVR TI2-LOG114AIRGVR Datasheet
2Mb / 43P
LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
REVISED MARCH 2025
LOG114AIRGVR.A TI2-LOG114AIRGVR.A Datasheet
2Mb / 43P
LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
REVISED MARCH 2025
LOG114AIRGVR.B TI2-LOG114AIRGVR.B Datasheet
2Mb / 43P
LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
REVISED MARCH 2025
logo
Burr-Brown (TI)
LOG114AIRGVRG4 BURR-BROWN-LOG114AIRGVRG4 Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
More results

Similar Description - LOG114AIRGVR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
logo
New Japan Radio
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
LOG114 BURR-BROWN-LOG114_12 Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
logo
New Japan Radio
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com