Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVR Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114AIRGVR
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114AIRGVR Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button LOG114AIRGVR Datasheet HTML 8Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 9Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 10Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 11Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 12Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 13Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 14Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 15Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
12
Q
1
R
REF
1.62M
Ω
+2.5V
4
1
5
3
15
13
12
16
V
− Com
Q
2
V
1
86
7
+5V
I
2
I
1
I
µA
REF3040
or
REF3240
4.096V
Reference
10
µF
+
1000pF
Input current
from photodiode
Photodiode(4)
or current source
R
1
R
2
R
5
100k
Ω
R
7
100k
Ω
R
8
316k
Ω
R
6
66.5k
Ω
R
3
R
4
V
O4
(3)
−IN
4
+IN
4
V
LOGOUT
(2)
+IN
5
−IN
5
V
O5
V
CM IN
(1)
I
1
V
REF
2.5V
REF
V
REF GND
A
3
A
1
A
2
A
4
A
5
I
2
LOG114
11
10
9
V
Com = +2.5V
NOTE: (1) In single−supply configuration, V
CM IN must be connected to ≥ 1V.
(2) V
LOGOUT = 0.375 × log(I1/I2)+ 2.5V.
(3) V
O4 = − 0.249 × log(I1/I2)+ 1.5V.
(4) The cathode of the photodiode is returned to V
REF resultinginzerobias across it. Thecathode
could be returned to a voltage more positive than V
CM IN to create a reverse bias for reducing
photodiode capacitance, which increases speed.
Figure 2. Single-Supply Configuration Example for Measurement Over Eight Decades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com