Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114AIRGVR
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114AIRGVR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  LOG114AIRGVR Datasheet HTML 1Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 2Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 3Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 4Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 5Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 6Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 7Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 8Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS =
+5V (continued)
Boldface limits apply over the specified temperature range, TA = −5°C to +75°C.
All specifications at TA = +25°C, RVLOGOUT = 10kΩ, VCM = GND, unless otherwise noted.
LOG114
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
TOTAL ERROR(4, 5)
See Typical Characteristics
FREQUENCY RESPONSE, Core Log(6)
BW, 3dB I1 or I2 =
IAC = 10% of IDC value, IREF = 1µA
1nA
5
kHz
10nA
12
kHz
100nA
120
kHz
1
µA
2.3
MHz
10
µA to 1mA (ratio 1:100)
> 5
MHz
1mA to 3.5mA (ratio 1:3.5)
> 5
MHz
3.5mA to 10mA (ratio 1:2.9)
> 5
MHz
Step Response
IREF = 1µA
Increasing (I1 or I2)
8nA to 240nA (ratio 1:30)
0.7
µs
10nA to 100nA (ratio 1:10)
1.5
µs
10nA to 1
µA (ratio 1:100)
0.15
µs
10nA to 10
µA (ratio 1:1k)
0.07
µs
10nA to 1mA (ratio 1:100k)
0.06
µs
1mA to 10mA (ratio 1:10)
1
µs
Decreasing (I1 or I2)
IREF = 1µA
8nA to 240nA (ratio 1:30)
1
µs
10nA to 100nA (ratio 1:10)
2
µs
10nA to 1
µA (ratio 1:100)
0.25
µs
10nA to 10
µA (ratio 1:1k)
0.05
µs
10nA to 1mA (ratio 1:100k)
0.03
µs
1mA to 10mA (ratio 1:10)
1
µs
VOLTAGE REFERENCE
Bandgap Voltage
2.5
V
Error, Initial
±0.15
±1
%
vs Temperature
±25
ppm/
°C
vs Supply
VS = ±4.5V to ±5.5V
±30
ppm/V
vs Load
IO = ±2mA
±200
ppm/mA
Short-Circuit Current
±10
mA
POWER SUPPLY
Dual Supply Operating Range
VS
±2.4
±5.5
V
Quiescent Current
IQ
IO = 0
±10
±15
mA
TEMPERATURE RANGE
Specification, TMIN to TMAX
−5
+75
°C
Operating
−40
+85
°C
Storage
−55
+125
°C
Thermal Resistance,
qJA
62
°C/W
(1) Log conformity error is peak deviation from the best-fit straight line of VO vs Log (I1/I2) curve expressed as a percent of peak-to-peak full-scale output. Scale factor,
K, equals 0.375V output per decade of input current.
(2) Scale factor of core log function is trimmed to 0.375V output per decade change of input current.
(3) Specified by design.
(4) Worst-case total error for any ratio of I1/I2, as the largest of the two errors, when I, and I2 are considered separately.
(5) Total error includes offset voltage, bias current, gain, and log conformity.
(6) Small signal bandwidth (3dB) and transient response are a function of the level of input current. Smaller input current amplitude results in lower bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com