Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVR Datasheet(PDF) 16 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114AIRGVR
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114AIRGVR Datasheet(HTML) 16 Page - Burr-Brown (TI)

Back Button LOG114AIRGVR Datasheet HTML 12Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 13Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 14Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 15Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 16Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 17Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 18Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 19Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 20Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
16
SETTING THE REFERENCE CURRENT
When the LOG114 is used to compute logarithms, ei-
ther I1 or I2 can be held constant to become the refer-
ence current to which the other is compared.
If IREF is set to the lowest current in the span of the signal
current (as shown in the front page figure), VLOGOUT will
range from:
V
LOGOUT + 0.375
log
10
I
1 min
I
1 max signal
^ 0V
to some maximum value:
V
LOGOUT + 0.375
log
10
I
1 min
I
1 max signal
While convenient, this approach does not usually result
in best performance, because I1 min accuracy is difficult
to achieve, particularly if it is < 20nA.
A better way to achieve higher accuracy is to choose
IREF to be in the center of the full signal range. For
example, for a signal range of 1nA to 1mA, it is better
to use this approach:
I
REF
+ I
SIGNAL min
1mA 1nA
+ 1mAdc
than it is to set IREF = 1nA. It is much easier and more
precise (that is, dc accuracy, temperature stability, and
lower noise) to establish a 1mA dc current level than a
1nA level for the reference current.
The reference current may be derived from a voltage
source with one or more resistors. When a single resis-
tor is used, the value may be large depending on IREF.
If IREF is 10nA and +2.5V is used:
RREF = 2.5V/10nA = 250MΩ
A voltage divider may be used to reduce the value of the
resistor, as shown in Figure 5. When using this method,
one must consider the possible errors caused by the
amplifier input offset voltage. The input offset voltage of
amplifier A1 has a maximum value of 4mV in a ±5V sup-
ply system, and a maximum value of 7mV in a +5V sup-
ply system. Resistor temperature stability and noise
contributions should also be considered.
A
1
+
R
2
R
1
+5V
R
3
V
REF =100mV
R
3 >> R2
I
REF
−
V
OS
1
Figure 5. T-Network for Reference Current.
VREF may be an external precision voltage reference, or
the on-chip 2.5V voltage reference of the LOG114.
IREF can be derived from an external current source,
such as that shown in Figure 6.
2N2905
I
REF
R
REF
2N2905
+15V
−15V
I
REF =
6V
R
REF
3.6k
Ω
6V
IN834
Figure 6. Temperature-Compensated Current Source.
(14)
(15)
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com