Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5002 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCD5002 Datasheet HTML 1Page - NXP Semiconductors PCD5002 Datasheet HTML 2Page - NXP Semiconductors PCD5002 Datasheet HTML 3Page - NXP Semiconductors PCD5002 Datasheet HTML 4Page - NXP Semiconductors PCD5002 Datasheet HTML 5Page - NXP Semiconductors PCD5002 Datasheet HTML 6Page - NXP Semiconductors PCD5002 Datasheet HTML 7Page - NXP Semiconductors PCD5002 Datasheet HTML 8Page - NXP Semiconductors PCD5002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
1997 Jun 24
5
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
7
PINNING
SYMBOL PIN
DESCRIPTION
ATL
1
alert LOW level output
ALC
2
alert control input
(normally LOW by internal pull-down)
DON
3
direct ON/OFF input
(normally LOW by internal pull-down)
REF
4
real time clock frequency reference
output
INT
5
interrupt output
n.c.
6
not connected
RST
7
reset input
(normally LOW by internal pull-down)
VPR
8
external positive voltage reference
input
SDA
9
I2C-bus serial data input/output
SCL
10
I2C-bus serial clock input
VDD
11
main positive supply voltage
VSS
12
main negative supply voltage
VPO
13
voltage converter positive output
CCP
14
voltage converter shunt capacitor
(positive side)
CCN
15
voltage converter shunt capacitor
(negative side)
TS1
16
test input 1
(normally LOW by internal pull-down)
XTAL2
17
decoder crystal oscillator output
XTAL1
18
decoder crystal oscillator input
n.c.
19
not connected
TS2
20
test input 2
(normally LOW by internal pull-down)
BAT
21
battery sense input
n.c.
22
not connected
RDI
23
received data input
(POCSAG or APOC-1)
RXE
24
receiver circuit enable output
ROE
25
receiver oscillator enable output
ZSD
26
synthesizer serial data output
ZSC
27
synthesizer serial clock output
ZLE
28
synthesizer latch enable output
VSS
29
main negative supply voltage
VIB
30
vibrator motor drive output
LED
31
LED drive output
ATH
32
alert HIGH level output
Fig.2 Pin configuration for SOT358-1 (LQFP32).
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ATL
ALC
DON
REF
INT
n.c.
RST
V
RXE
RDI
n.c.
BAT
TS2
n.c.
XTAL1
XTAL2
PCD5002H
MGD080
PR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com