Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCD5002 Datasheet HTML 1Page - NXP Semiconductors PCD5002 Datasheet HTML 2Page - NXP Semiconductors PCD5002 Datasheet HTML 3Page - NXP Semiconductors PCD5002 Datasheet HTML 4Page - NXP Semiconductors PCD5002 Datasheet HTML 5Page - NXP Semiconductors PCD5002 Datasheet HTML 6Page - NXP Semiconductors PCD5002 Datasheet HTML 7Page - NXP Semiconductors PCD5002 Datasheet HTML 8Page - NXP Semiconductors PCD5002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
1997 Jun 24
2
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
LICENSE
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Introduction
8.2
The POCSAG paging code
8.3
The APOC-1 paging code
8.4
Error correction
8.5
Operating states
8.6
ON status
8.7
OFF status
8.8
Reset
8.9
Bit rates
8.10
Oscillator
8.11
Input data processing
8.12
Battery saving
8.13
POCSAG Synchronization strategy
8.14
APOC-1 synchronization strategy
8.15
Call termination
8.16
Call data output format
8.17
Error type indication
8.18
Data transfer
8.19
Continuous data decoding
8.20
Receiver and oscillator control
8.21
External receiver control and monitoring
8.22
Battery condition input
8.23
Synthesizer control
8.24
Serial microcontroller interface
8.25
Decoder I2C-bus access
8.26
External interrupt
8.27
Status/Control register
8.28
Pending interrupts
8.29
Out-of-range indication
8.30
Real time clock
8.31
Periodic interrupt
8.32
Received call delay
8.33
Alert generation
8.34
Alert cadence register (03H; write)
8.35
Acoustic alert
8.36
Vibrator alert
8.37
LED alert
8.38
Warbled alert
8.39
Direct alert control
8.40
Alert priority
8.41
Cancelling alerts
8.42
Automatic POCSAG alerts
8.43
SRAM access
8.44
RAM write address pointer (06H; read)
8.45
RAM read address pointer (08H; read/write)
8.46
RAM data output register (09H; read)
8.47
EEPROM access
8.48
EEPROM address pointer (07H; read/write)
8.49
EEPROM data I/O register (0AH; read/write)
8.50
EEPROM access limitations
8.51
EEPROM read operation
8.52
EEPROM write operation
8.53
Invalid write address
8.54
Incomplete programming sequence
8.55
Unused EEPROM locations
8.56
Special programmed function allocation
8.57
Synthesizer programming data
8.58
Identifier storage allocation
8.59
Voltage doubler
8.60
Level-shifted interface
8.61
Signal test mode
9
OPERATING INSTRUCTIONS
9.1
Reset conditions
9.2
Power-on reset circuit
9.3
Reset timing
9.4
Initial programming
10
LIMITING VALUES
11
DC CHARACTERISTICS
12
DC CHARACTERISTICS (WITH VOLTAGE
CONVERTER)
13
OSCILLATOR CHARACTERISTICS
14
AC CHARACTERISTICS
15
APPLICATION INFORMATION
16
PACKAGE OUTLINE
17
SOLDERING QFP
17.1
Introduction
17.2
Reflow soldering
17.3
Wave soldering
17.4
Repairing soldered joints
18
DEFINITIONS
19
LIFE SUPPORT APPLICATIONS
20
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com