Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5002 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 2Page - NXP Semiconductors PCD5002 Datasheet HTML 3Page - NXP Semiconductors PCD5002 Datasheet HTML 4Page - NXP Semiconductors PCD5002 Datasheet HTML 5Page - NXP Semiconductors PCD5002 Datasheet HTML 6Page - NXP Semiconductors PCD5002 Datasheet HTML 7Page - NXP Semiconductors PCD5002 Datasheet HTML 8Page - NXP Semiconductors PCD5002 Datasheet HTML 9Page - NXP Semiconductors PCD5002 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
1997 Jun 24
6
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
8
FUNCTIONAL DESCRIPTION
8.1
Introduction
The PCD5002 is a very low power decoder and pager
controller specifically designed for use in new generation
radio pagers. The architecture of the PCD5002 allows for
flexible application in a wide variety of radio pager designs.
The PCD5002 is fully compatible with
“CCIR Radio paging
Code No. 1” (also known as the POCSAG code) operating
at data rates of 512, 1200 and 2400 bits/s using a single
oscillator crystal of 76.8 kHz.
The PCD5002 also supports the new Advanced Pager
Operator’s Code Phase 1 (APOC-1). This compatible
extension to the POCSAG code improves battery
economy by introducing ‘cycles’ and batch numbering.
A cycle consists of 5 or 15 standard POCSAG batches.
Each pager will be allocated a batch number in addition to
its POCSAG address and it will only search for its address
during this batch.
In addition to the standard POCSAG sync word (used also
in APOC-1) the PCD5002 is also capable of recognizing
up to 4 User Programmable Sync Words (UPSWs).
This permits the reception of both private services and
POCSAG or APOC-1 transmissions via the same radio
channel. As an option reception of a UPSW may activate
Continuous Data Decoding (CDD).
Used together with the Philips UAA2080 or UAA2082
paging receiver, the PCD5002 offers a highly
sophisticated, miniature solution for the radio paging
market. Control of an RF synthesizer circuit is also
provided to ease alignment and channel selection.
On-chip EEPROM provides storage for user addresses
(Receiver Identity Codes or RICs) and Special
Programmed Functions (SPFs) and UPSWs, which
eliminates the need for external storage devices and
interconnection. For other non-volatile storage 20 bytes of
general purpose EEPROM are available. The low
EEPROM programming voltage makes the PCD5002 well
suited for ‘over-the-air’ programming/reprogramming.
On request from an external controlling device or
automatically (by SPF programming), the PCD5002 will
provide standard POCSAG alert cadences by driving a
standard acoustic ‘beeper’. Non-standard alert cadences
may be generated via a cadence register or a dedicated
control input.
The PCD5002 can also produce a HIGH level acoustic
alert as well as drive an LED indicator and a vibrator motor
via external bipolar transistors.
The PCD5002 contains a low-power, high-efficiency
voltage converter (doubler) designed to provide a higher
voltage supply to LCD drivers or microcontrollers.
In addition, an independent level shifted interface is
provided allowing communication to a microcontroller
operating at a higher voltage than the PCD5002.
Interface to such an external device is provided by an
I2C-bus which allows received call identity and message
data, data for the programming of the internal EEPROM,
alert control and pager status information to be transferred
between the devices. Pager status includes features
provided by the PCD5002 such as battery-low and
out-of-range indications. A dedicated interrupt line
minimizes the required microcontroller activity.
A selectable low frequency timing reference is provided for
use in real time clock functions.
Data synchronization is achieved by the Philips patented
ACCESS® algorithm ensuring that maximum advantage is
made of the POCSAG code structure particularly in fading
radio signal conditions. The algorithm allows for data
synchronization without preamble detection whilst
minimizing battery power consumption. The APOC-1 code
uses an extended version of the ACCESS®
synchronization algorithm.
Random (and optional) burst error correction techniques
are applied to the received data to optimize the call
success rate without increasing the falsing rate beyond
specified POCSAG levels.
8.2
The POCSAG paging code
A transmission using the
“CCIR Radio paging Code No. 1”
(POCSAG code) is constructed in accordance with the
following rules (see Fig.3).
The transmission is started by sending a preamble,
consisting of at least 576 continuously alternating bits
(10101010...). The preamble is followed by an arbitrary
number of batch blocks. Only complete batches are
transmitted.
Each batch comprises 17 codewords of 32 bits each.
The first codeword is a synchronization codeword with a
fixed pattern. The sync word is followed by 8 frames
(0 to 7) of 2 codewords each, containing message
information. A codeword in a frame can either be an
address, message or idle codeword.
Idle codewords also have a fixed pattern and are used to
fill empty frames or to separate messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com