Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5002 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 10Page - NXP Semiconductors PCD5002 Datasheet HTML 11Page - NXP Semiconductors PCD5002 Datasheet HTML 12Page - NXP Semiconductors PCD5002 Datasheet HTML 13Page - NXP Semiconductors PCD5002 Datasheet HTML 14Page - NXP Semiconductors PCD5002 Datasheet HTML 15Page - NXP Semiconductors PCD5002 Datasheet HTML 16Page - NXP Semiconductors PCD5002 Datasheet HTML 17Page - NXP Semiconductors PCD5002 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
1997 Jun 24
14
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Table 5
Call header format
Table 6
Call header bit identification
Note
1. The DF bit in the call header is set:
a) When the sync word of the batch in which the (beginning of the) call was received, did not match the standard
POCSAG or a user-programmed sync word. The sync word identifier (bits S3 to S1) will then be made 0.
b) When any codeword of a previous call received in the same batch was uncorrectable.
Table 7
Message data format
Table 8
Message data bit identification
Table 9
Call terminator format
BYTE NUMBER
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
1
0
S3
S2
S1
R3
R2
R1
DF
2
0
S3
S2
S1
R3
R2
R1
0
3
X
X
F0
F1
E3E2E1
0
BITS (MSB to LSB)
IDENTIFICATION
S3 to S1
identifier number of sync word for current batch (7 = standard POCSAG)
R3 to R1
identifier number of user address (RIC)
DF
data fail mode indication (1 = data fail mode); note 1
F0 and F1
function bits of received address codeword (bits 20 and 21)
E3 to E1
detected error type; see Table 11; E3 = 0 in a concatenated call header
BYTE NUMBER
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
1
M2M3M4M5M6M7M8M9
2
M10
M11
M12
M13
M14
M15
M16
M17
3
M18
M19
M20
M21
E3
E2
E1
M1
BITS (MSB to LSB)
IDENTIFICATION
M2 to M21
message codeword data bits
E3 to E1
detected error type; see Table 11
M1
message codeword flag
BYTE NUMBER
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
1
FTS3S2S1
0
0
0
DF
2
FTS3S2S1
0
0
0
X
3
XXXX
E3
E2
E1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com