Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5002 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 11Page - NXP Semiconductors PCD5002 Datasheet HTML 12Page - NXP Semiconductors PCD5002 Datasheet HTML 13Page - NXP Semiconductors PCD5002 Datasheet HTML 14Page - NXP Semiconductors PCD5002 Datasheet HTML 15Page - NXP Semiconductors PCD5002 Datasheet HTML 16Page - NXP Semiconductors PCD5002 Datasheet HTML 17Page - NXP Semiconductors PCD5002 Datasheet HTML 18Page - NXP Semiconductors PCD5002 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
1997 Jun 24
15
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Table 10 Call terminator bit identification
Note
1. The DF bit in the call terminator is set:
a) When any call data codeword in the terminating batch was uncorrectable, while in ‘data receive’ mode.
b) When the sync word at the start of the terminating batch did not match the standard POCSAG or a
user-programmed sync word, while in ‘data fail’ mode.
Table 11 Error type identification (note 1)
Note
1. POCSAG code allows a maximum of 3 bit errors to be detected per codeword.
BITS (MSB to LSB)
IDENTIFICATION
FT
forced call termination (1 = yes)
S3 to S1
identifier number of last sync word
DF
data fail mode indication (1 = data fail mode); note 1
F0 and F1
function bits of received address codeword (bits 20 and 21)
E3 to E1
detected error type; see Table 11; E3 = 0 in a call terminator
E3
E2
E1
ERROR TYPE
NUMBER OF ERRORS
0
0
0
no errors - correct codeword
0
0
0
1
parity bit in error
1
0
1
0
single bit error
1 + parity
0
1
1
single bit error and parity error
1
1
0
0
not used
−
1
0
1
4-bit burst error and parity error
3 (e.g.1101)
1
1
0
2-bit random error
2
1
1
1
uncorrectable codeword
3 or more
Successful call termination occurs on reception of a valid
address codeword with less than 2 bit errors.
Unsuccessful termination occurs when a sync word is not
detected while in the ‘data fail’ mode.
It is generally possible to distinguish these two conditions
using the sync word identifier number (bits S3 to S1); the
identifier number will be non-zero for correct termination,
and zero for sync word failure.
Only when a call is received in the ‘data fail’ mode and the
call is terminated before the end of the batch, is it not
possible to distinguish unsuccessful from successful
termination.
Reception of message data can be terminated at any time
by transmitting a forced call termination command to the
status register via the I2C-bus. Any call received will then
be terminated immediately and the ‘data fail’ mode will be
entered.
8.19
Continuous data decoding
Apart from transmissions in the POCSAG or APOC-1
format, the PCD5002 is also capable of decoding
continuous transmissions with the same codeword
structure. Any user-programmable sync word (UPSW)
may be designated to enable continuous data decoding.
When a Continuous Data Decoding (CDD) sync word is
detected at any sync word position, the receiver remains
enabled from then on. Status bits D1 and D0 show the
CDD mode to be active.
All codewords are decoded and their data fields are stored
in SRAM. The usual error information is appended. No
distinction is made between address and message
codewords: codeword bit 0 is treated as a data bit and is
stored in bit M1 of the 3-byte output format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com