Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 87Page - ATMEL Corporation AT91 Datasheet HTML 88Page - ATMEL Corporation AT91 Datasheet HTML 89Page - ATMEL Corporation AT91 Datasheet HTML 90Page - ATMEL Corporation AT91 Datasheet HTML 91Page - ATMEL Corporation AT91 Datasheet HTML 92Page - ATMEL Corporation AT91 Datasheet HTML 93Page - ATMEL Corporation AT91 Datasheet HTML 94Page - ATMEL Corporation AT91 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 153 page
background image
91
AT91X40 Series
1354D–ATARM–08/02
WD Clock Mode Register
Name:WD_CMR
Access:
Read/Write
Reset Value:0
Offset:
0x04
• WDCLKS: Clock Selection
• HPCV: High Preload Counter Value (Code Label WD_HPCV)
Counter is preloaded when watchdog counter is restarted with bits 0 to 11 set (FFF) and bits 12 to 15 equaling HPCV.
• CKEY: Clock Access Key (Code Label WD_CKEY)
Used only when writing WD_CMR. CKEY is read as 0.
0x06E: Write access in WD_CMR is allowed.
Other value: Write access in WD_CMR is prohibited.
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
––
–
15
14
13
12
11
10
9
8
CKEY
76
54
32
10
CKEY
–
HPCV
WDCLKS
WDCLKS
Clock Selected
Code Label
WD_WDCLKS
00
MCK/8
WD_WDCLKS_MCK8
01
MCK/32
WD_WDCLKS_MCK32
10
MCK/128
WD_WDCLKS_MCK128
1
1
MCK/1024
WD_WDCLKS_MCK1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com