Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 93Page - ATMEL Corporation AT91 Datasheet HTML 94Page - ATMEL Corporation AT91 Datasheet HTML 95Page - ATMEL Corporation AT91 Datasheet HTML 96Page - ATMEL Corporation AT91 Datasheet HTML 97Page - ATMEL Corporation AT91 Datasheet HTML 98Page - ATMEL Corporation AT91 Datasheet HTML 99Page - ATMEL Corporation AT91 Datasheet HTML 100Page - ATMEL Corporation AT91 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 153 page
background image
97
AT91X40 Series
1354D–ATARM–08/02
Reset Status Register
Register Name:SF_RSR
Access Type:
Read Only
Reset Value:See Below
Offset:0x08
• RESET: Reset Status Information
This field indicates whether the reset was demanded by the external system (via NRST) or by the Watchdog internal reset
request.
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
––
–
15
14
13
12
11
10
9
8
––
–––
––
–
76
54
32
10
RESET
Reset
Cause of Reset
Code Label
SF_RESET
0x6C
External Pin
SF_EXT_RESET
0x53
Internal Watchdog
SF_WD_RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com