Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 19Page - ATMEL Corporation AT91 Datasheet HTML 20Page - ATMEL Corporation AT91 Datasheet HTML 21Page - ATMEL Corporation AT91 Datasheet HTML 22Page - ATMEL Corporation AT91 Datasheet HTML 23Page - ATMEL Corporation AT91 Datasheet HTML 24Page - ATMEL Corporation AT91 Datasheet HTML 25Page - ATMEL Corporation AT91 Datasheet HTML 26Page - ATMEL Corporation AT91 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 153 page
background image
23
AT91X40 Series
1354D–ATARM–08/02
Data Bus Width
A data bus width of 8 or 16 bits can be selected for each chip select. This option is con-
trolled by the DBW field in the EBI_CSR (Chip Select Register) for the corresponding
chip select.
Figure 9 shows how to connect a 512K x 8-bit memory on NCS2.
Figure 9. Memory Connection for an 8-bit Data Bus
Figure 10 shows how to connect a 512K x 16-bit memory on NCS2.
Figure 10. Memory Connection for a 16-bit Data Bus
EBI
D0 - D7
D8 - D15
A1 - A18
A0
NWR0
NRD
NCS2
D0 - D7
A1 - A18
A0
Write Enable
Output Enable
Memory Enable
NWR1
EBI
D0 - D7
D8 - D15
A1 - A19
NLB
NWE
NOE
NCS2
D0 - D7
D8 - D15
A0 - A18
Low Byte Enable
Write Enable
Output Enable
Memory Enable
NUB
High Byte Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com