Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 41Page - ATMEL Corporation AT91 Datasheet HTML 42Page - ATMEL Corporation AT91 Datasheet HTML 43Page - ATMEL Corporation AT91 Datasheet HTML 44Page - ATMEL Corporation AT91 Datasheet HTML 45Page - ATMEL Corporation AT91 Datasheet HTML 46Page - ATMEL Corporation AT91 Datasheet HTML 47Page - ATMEL Corporation AT91 Datasheet HTML 48Page - ATMEL Corporation AT91 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 153 page
background image
45
AT91X40 Series
1354D–ATARM–08/02
EBI User Interface
The EBI is programmed using the registers listed in the table below. The Remap Control
Register (EBI_RCR) controls exit from Boot Mode (See “Boot on NCS0” on page 26.)
The Memory Control Register (EBI_MCR) is used to program the number of active chip
selects and data read protocol. Eight Chip Select Registers (EBI_CSR0 to EBI_CSR7)
are used to program the parameters for the individual external memories. Each
EBI_CSR must be programmed with a different base address, even for unused chip
selects.
Base Address: 0xFFE00000 (Code Label EBI_BASE)
Notes:
1. 8-bit boot (if BMS is detected high)
2. 16-bit boot (if BMS is detected low)
Table 6. EBI Memory Map
Offset
Register
Name
Access
Reset State
0x00
Chip Select Register 0
EBI_CSR0
Read/Write
0x0000203E(1)
0x0000203D(2)
0x04
Chip Select Register 1
EBI_CSR1
Read/Write
0x10000000
0x08
Chip Select Register 2
EBI_CSR2
Read/Write
0x20000000
0x0C
Chip Select Register 3
EBI_CSR3
Read/Write
0x30000000
0x10
Chip Select Register 4
EBI_CSR4
Read/Write
0x40000000
0x14
Chip Select Register 5
EBI_CSR5
Read/Write
0x50000000
0x18
Chip Select Register 6
EBI_CSR6
Read/Write
0x60000000
0x1C
Chip Select Register 7
EBI_CSR7
Read/Write
0x70000000
0x20
Remap Control Register
EBI_RCR
Write only
–
0x24
Memory Control
Register
EBI_MCR
Read/Write
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com