Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 163Page - STMicroelectronics ST10F276_06 Datasheet HTML 164Page - STMicroelectronics ST10F276_06 Datasheet HTML 165Page - STMicroelectronics ST10F276_06 Datasheet HTML 166Page - STMicroelectronics ST10F276_06 Datasheet HTML 167Page - STMicroelectronics ST10F276_06 Datasheet HTML 168Page - STMicroelectronics ST10F276_06 Datasheet HTML 169Page - STMicroelectronics ST10F276_06 Datasheet HTML 170Page - STMicroelectronics ST10F276_06 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 229 page
background image
ST10F276
Register set
167/229
22.10
System configuration registers
The ST10F276 has registers used for a different configuration of the overall system. These
registers are described below.
Note:
SYSCON Reset Value is: 0000 0xx0 0x00 0000b
.
SYSCON (FF12h / 89h)
SFR
Reset value: 0xx0h
15
14
13
12
11
10
987
6543210
STKSZ
ROM
S1
SGT
DIS
ROM
EN
BYT
DIS
CLK
EN
WR
CFG
CS
CFG
PWD
CFG
OWD
DIS
BDR
STEN
XPEN
VISI
BLE
XPER-
SHARE
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 77.
SYSCON description
Bit
Function
XPER-SHARE
XBUS peripheral share mode control
‘0’: External accesses to XBUS peripherals are disabled.
‘1’: XRAM1 and XRAM2 are accessible via the external bus during hold mode.
External accesses to the other XBUS peripherals are not guaranteed in terms of
AC timings.
VISIBLE
Visible mode control
‘0’: Accesses to XBUS peripherals are done internally.
‘1’: XBUS peripheral accesses are made visible on the external pins.
XPEN
XBUS peripheral enable bit
‘0’: Accesses to the on-chip X-peripherals and XRAM are disabled.
‘1’: The on-chip X-peripherals are enabled.
BDRSTEN
Bidirectional reset enable
‘0’: RSTIN pin is an input pin only. SW Reset or WDT Reset have no effect on this
pin.
‘1’: RSTIN pin is a bidirectional pin. This pin is pulled low during internal reset
sequence.
OWDDIS
Oscillator watchdog disable control
‘0’: Oscillator Watchdog (OWD) is enabled. If PLL is bypassed, the OWD monitors
XTAL1 activity. If there is no activity on XTAL1 for at least 1
µs, the CPU clock is
switched automatically to PLL’s base frequency (from 750 kHz to 3 MHz).
‘1’: OWD is disabled. If the PLL is bypassed, the CPU clock is always driven by
XTAL1 signal. The PLL is turned off to reduce power supply current.
PWDCFG
Power down mode configuration control
‘0’: Power Down Mode can only be entered during PWRDN instruction execution if
NMI pin is low, otherwise the instruction has no effect. To exit Power Down Mode,
an external reset must occur by asserting the RSTIN pin.
‘1’: Power Down Mode can only be entered during PWRDN instruction execution if
all enabled fast external interrupt EXxIN pins are in their inactive level. Exiting this
mode can be done by asserting one enabled EXxIN pin or with external reset.
CSCFG
Chip select configuration control
‘0’: Latched Chip Select lines, CSx changes 1 TCL after rising edge of ALE.
‘1’: Unlatched Chip Select lines, CSx changes with rising edge of ALE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com