Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 167Page - STMicroelectronics ST10F276_06 Datasheet HTML 168Page - STMicroelectronics ST10F276_06 Datasheet HTML 169Page - STMicroelectronics ST10F276_06 Datasheet HTML 170Page - STMicroelectronics ST10F276_06 Datasheet HTML 171Page - STMicroelectronics ST10F276_06 Datasheet HTML 172Page - STMicroelectronics ST10F276_06 Datasheet HTML 173Page - STMicroelectronics ST10F276_06 Datasheet HTML 174Page - STMicroelectronics ST10F276_06 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 229 page
background image
ST10F276
Register set
171/229
Note:
1. XP3IC register has the same bit field as xxIC interrupt registers
Table 80.
EXIxES bit description
Bit
Function
EXIxES
(x=7...0)
00 = Fast external interrupts disabled: Standard mode.
EXxIN pin not taken in account for entering/exiting Power Down mode.
01 = Interrupt on positive edge (rising).
Enter Power Down mode if EXiIN = ‘0’, exit if EXxIN = ‘1’ (referred as "high" active
level)
10 = Interrupt on negative edge (falling).
Enter Power Down mode if EXiIN = ‘1’, exit if EXxIN = ‘0’ (referred as “low” active
level)
11 = Interrupt on any edge (rising or falling).
Always enter Power Down mode, exit if EXxIN level changed.
EXISEL (F1DAh / EDh)
ESFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS
EXI2SS
EXI1SS
EXI0SS
RW
RW
RW
RW
RW
RW
RW
RW
Table 81.
EXISEL
Bit
Function
EXIxSS
External Interrupt x Source Selection (x = 7...0)
00 = Input from associated Port 2 pin.
01 = Input from “alternate source”.
10 = Input from Port 2 pin ORed with “alternate source”.
11 = Input from Port 2 pin ANDed with “alternate source”.
Table 82.
EXIxSS and port 2 pin configurations
EXIxSS
Port 2 pin
Alternate source
0
P2.8
CAN1_RxD
1
P2.9
CAN2_RxD / SCL
2
P2.10
RTCSI (Second)
3
P2.11
RTCAI (Alarm)
4...7
P2.12...15
Not used (zero)
XP3IC (F19Eh / CFh)
ESFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
XP3IR XP3IE
XP3ILVL
GLVL
RW
RW
RW
RW
xxIC (yyyyh / zzh)
SFR area
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
xxIR xxIE
ILVL
GLVL
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com