Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034E/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6034E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034E/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6034E/ST Datasheet HTML 22Page - Microchip Technology MCP6034E/ST Datasheet HTML 23Page - Microchip Technology MCP6034E/ST Datasheet HTML 24Page - Microchip Technology MCP6034E/ST Datasheet HTML 25Page - Microchip Technology MCP6034E/ST Datasheet HTML 26Page - Microchip Technology MCP6034E/ST Datasheet HTML 27Page - Microchip Technology MCP6034E/ST Datasheet HTML 28Page - Microchip Technology MCP6034E/ST Datasheet HTML 29Page - Microchip Technology MCP6034E/ST Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 27
MCP6031/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP6031:
Single Op Amp
MCP6031T:
Single Op Amp (Tape and Reel)
MCP6032:
Dual Op Amp
MCP6032T:
Dual Op Amp (Tape and Reel)
MCP6033:
Single Op Amp with Chip Select
MCP6033T:
Single Op Amp with Chip Select
(Tape and Reel)
MCP6034:
Quad Op Amp
MCP6034T:
Quad Op Amp (Tape and Reel)
Temperature Range:
E
= -40°C to +125°C
Package:
MS = Plastic MSOP, 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
ST = Plastic TSSOP (4.4mm Body), 14-lead
Examples:
a)
MCP6031-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP6031T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC package.
c)
MCP6031-E/MS:
Extended Temperature,
8LD MSOP package.
d)
MCP6031T-E/MS: Tape and Reel,
Extended Temperature,
8LD MSOP package.
a)
MCP6032-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP6032T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC package.
c)
MCP6032-E/MS:
Extended Temperature,
8LD MSOP package
d)
MCP6032T-E/MS: Tape and Reel
Extended Temperature,
8LD MSOP package.
a)
MCP6033-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP6033T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC package.
c)
MCP6033-E/MS:
Extended Temperature,
8LD MSOP package.
d)
MCP6033T-E/MS: Tape and Reel,
Extended Temperature,
8LD MSOP package.
a)
MCP6034-E/SL:
Extended Temperature,
14LD SOIC package.
b)
MCP6034T-E/SL: Tape and Reel,
Extended Temperature,
14LD SOIC package.
c)
MCP6034-E/ST:
Extended Temperature,
14LD TSSOP package.
d)
MCP6034T-E/ST: Tape and Reel,
Extended Temperature,
14LD TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com