Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6034E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6034E/ST Datasheet HTML 7Page - Microchip Technology MCP6034E/ST Datasheet HTML 8Page - Microchip Technology MCP6034E/ST Datasheet HTML 9Page - Microchip Technology MCP6034E/ST Datasheet HTML 10Page - Microchip Technology MCP6034E/ST Datasheet HTML 11Page - Microchip Technology MCP6034E/ST Datasheet HTML 12Page - Microchip Technology MCP6034E/ST Datasheet HTML 13Page - Microchip Technology MCP6034E/ST Datasheet HTML 14Page - Microchip Technology MCP6034E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 11
MCP6031/2/3/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-31:
Large Signal Inverting Pulse
Response.
FIGURE 2-32:
The MCP6031/2/3/4 family
shows no phase reversal .
FIGURE 2-33:
Chip Select (CS) to
Amplifier Output Response Time (MCP6033
only).
FIGURE 2-34:
Chip Select (CS) Hysteresis
(MCP6033 only) with VDD = 5.5V.
FIGURE 2-35:
Chip Select (CS) Hysteresis
(MCP6033 only) with VDD = 3.0V.
FIGURE 2-36:
Chip Select (CS) Hysteresis
(MCP6033 only) with VDD = 1.8V.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Time (0.5 ms/div)
VDD = 5.5V
G = -1 V/V
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (2 ms/div)
VIN
VDD = 5.0V
G = +2 V/V
VOUT
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (1 ms/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Chip Select
Output On
Output
High-Z
Output
High-Z
VDD = 5.5V
G = +1 V/V
RL = 50 kΩ to VSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Chip Select Voltage (V)
Output On
Output High-Z
Hysteresis
CS Input
Low to High
VDD = 5.5V
CS Input
High to Low
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0.00.3 0.60.9 1.21.5 1.82.1 2.42.7 3.0
Chip Select Voltage (V)
Output On
Output High-Z
Hysteresis
CS Input
Low to High
CS Input
High to Low
VDD = 3.0V
0.0
0.3
0.6
0.9
1.2
1.5
0.00.2
0.40.6
0.81.0
1.21.4
1.61.8
Chip Select Voltage (V)
Output On
Output High-Z
Hysteresis
CS Input
Low to High
CS Input
High to Low
VDD = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com