Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034E/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6034E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034E/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP6034E/ST Datasheet HTML 1Page - Microchip Technology MCP6034E/ST Datasheet HTML 2Page - Microchip Technology MCP6034E/ST Datasheet HTML 3Page - Microchip Technology MCP6034E/ST Datasheet HTML 4Page - Microchip Technology MCP6034E/ST Datasheet HTML 5Page - Microchip Technology MCP6034E/ST Datasheet HTML 6Page - Microchip Technology MCP6034E/ST Datasheet HTML 7Page - Microchip Technology MCP6034E/ST Datasheet HTML 8Page - Microchip Technology MCP6034E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MCP6031/2/3/4
DS22041A-page 4
© 2007 Microchip Technology Inc.
MCP6033 CHIP SELECT (CS) ELECTRICAL CHARACTERISTICS
FIGURE 1-1:
Timing Diagram for the CS
Pin on the MCP6033.
Electrical Specifications: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VCM =VDD/
2, VOUT =VDD/2, VL = VDD/2, CL = 60 pF and RL = 1 MΩ to VL (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2VDD
V
CS Input Current, Low
ICSL
—-10
—
pA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
0.8VDD
VDD
V
CS Input Current, High
ICSH
—10
—
pA
CS = VDD
GND Current
ISS
—
-400
—
pA
CS = VDD
Amplifier Output Leakage
IO(LEAK)
—10
—
pA
CS = VDD
CS Dynamic Specifications
CS Low to Amplifier Output
Turn-on Time
tON
—
4
100
ms
CS
≤ 0.2VDD to VOUT = 0.9VDD/2,
G = +1 V/V, VIN = VDD/2,
RL = 50 kΩ to VL = VSS.
CS High to Amplifier Output
High-Z
tOFF
—10
—
µs
CS
≥ 0.8VDD to VOUT = 0.1VDD/2,
G = +1 V/V, VIN = VDD/2,
RL = 50 kΩ to VL = VSS.
CS Hysteresis
VHYST
—0.3VDD
—V
VIL
High-Z
tON
VIH
CS
tOFF
VOUT
-400 pA (typ.)
High-Z
ISS
ICS 10 pA (typ.)
-400 pA (typ.)
-0.9 µA (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com