Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034E/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6034E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034E/ST Datasheet(HTML) 5 Page - Microchip Technology

  MCP6034E/ST Datasheet HTML 1Page - Microchip Technology MCP6034E/ST Datasheet HTML 2Page - Microchip Technology MCP6034E/ST Datasheet HTML 3Page - Microchip Technology MCP6034E/ST Datasheet HTML 4Page - Microchip Technology MCP6034E/ST Datasheet HTML 5Page - Microchip Technology MCP6034E/ST Datasheet HTML 6Page - Microchip Technology MCP6034E/ST Datasheet HTML 7Page - Microchip Technology MCP6034E/ST Datasheet HTML 8Page - Microchip Technology MCP6034E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 5
MCP6031/2/3/4
TEMPERATURE SPECIFICATIONS
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-2 and Figure 1-3. The bypass
capacitors are laid out according to the rules discussed
in Section 4.6 “Supply Bypass”.
FIGURE 1-2:
AC and DC Test Circuit for Most Non-Inverting Gain Conditions.
FIGURE 1-3:
AC and DC Test Circuit for Most Inverting Gain Conditions.
Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
Note
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-SOIC
θJA
—163
—
°C/W
Thermal Resistance, 8L-MSOP
θJA
—206
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
120
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—
100
—
°C/W
Note:
The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150°C.
CL
VDD
RN
RG
RF
VOUT
MCP603X
RL
VL
VIN
VDD
2
0.1 µF
2.2 µF
VIN
VDD
2
CL
VDD
RN
RG
RF
VOUT
MCP603X
RL
VL
0.1 µF
2.2 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com