Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034E/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6034E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034E/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6034E/ST Datasheet HTML 4Page - Microchip Technology MCP6034E/ST Datasheet HTML 5Page - Microchip Technology MCP6034E/ST Datasheet HTML 6Page - Microchip Technology MCP6034E/ST Datasheet HTML 7Page - Microchip Technology MCP6034E/ST Datasheet HTML 8Page - Microchip Technology MCP6034E/ST Datasheet HTML 9Page - Microchip Technology MCP6034E/ST Datasheet HTML 10Page - Microchip Technology MCP6034E/ST Datasheet HTML 11Page - Microchip Technology MCP6034E/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP6031/2/3/4
DS22041A-page 8
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-13:
Quiescent Current vs
Ambient Temperature.
FIGURE 2-14:
Quiescent Current vs.
Power Supply Voltage with VCM = VDD.
FIGURE 2-15:
Quiescent Current vs.
Power Supply Voltage with VCM = VSS.
FIGURE 2-16:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-17:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-18:
DC Open-Loop Gain vs.
Output Voltage Headroom.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 5.5V @ VCM = VDD
VDD = 5.5V @ VCM = VSS
VDD = 1.8V @ VCM = VDD
VDD = 1.8V @ VCM = VSS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Power Supply Voltage (V)
VCM = VDD
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Power Supply Voltage (V)
VCM = VSS
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
00.01 0.1
1
10 100 100
0
100
00
1E+
05
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Open-Loop Gain
Open-Loop Phase
VDD = 5.5V
0.001 0.01
1k 10k 100k
0
80
85
90
95
100
105
110
115
120
125
130
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Power Supply Voltage VDD (V)
RL = 50 kΩ
VSS + 0.2V < VOUT < VDD - 0.2V
80
85
90
95
100
105
110
115
120
125
130
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom
VDD - VOUT or VOUT - VSS (V)
RL = 50 kΩ
VDD = 5.5V
VDD = 1.8V
Large Signal AOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com