Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FS040 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT25FS040
Description  High Speed Small Sectored SPI Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS040 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT25FS040 Datasheet HTML 7Page - ATMEL Corporation AT25FS040 Datasheet HTML 8Page - ATMEL Corporation AT25FS040 Datasheet HTML 9Page - ATMEL Corporation AT25FS040 Datasheet HTML 10Page - ATMEL Corporation AT25FS040 Datasheet HTML 11Page - ATMEL Corporation AT25FS040 Datasheet HTML 12Page - ATMEL Corporation AT25FS040 Datasheet HTML 13Page - ATMEL Corporation AT25FS040 Datasheet HTML 14Page - ATMEL Corporation AT25FS040 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
AT25FS040
5107D–SFLSH–09/06
progress. If Bit 0=0, the programming cycle has ended. Only the RDSR instruction is
enabled during the programming cycle and all other opcode instructions are ignored
until programming cycle has completed.
A single PROGRAM instruction programs 1 to 256 consecutive bytes within a page if it
is not write protected. The starting byte address can be anywhere within the page.
When the end of the page is reached, the address will wrap around to the beginning of
the same page. If the data to be programmed is less than a full page, the data of all
other bytes on the same page will remain unchanged meaning that the unwritten
address locations within the page will not be changed. If more than 256 bytes of data
are provided, the address counter will roll over on the same page and the previous data
provided will be replaced. The same byte cannot be reprogrammed without erasing the
whole sector or block first. The AT25FS040 will automatically return to the write disable
state at the completion of the programming cycle.
Note:
If the device is not write enabled (WREN), the device will ignore the Write instruction and
will return to the standby state when CS is brought high. A new CS falling edge is
required to re-initiate the serial communication.
ERASE OPERATION: The AT25FS040 memory array is internally organized into uni-
form 4K byte sectors or uniform 64K byte uniform blocks (see Table 12). Before data can
be reprogrammed, the sector or block that contains the data must be erased first. In
order to erase the AT25FS040, there are three flexible erase instructions that can be
executed as follows: SECTOR ERASE, BLOCK ERASE and CHIP ERASE instructions.
A SECTOR ERASE instruction allows erasing any individual 4K sector without changing
data in rest of memory. The BLOCK ERASE instruction allows erasing any individual
block and CHIP ERASE allows erasing the entire memory array.
SECTOR ERASE (SECTOR ERASE): The SECTOR ERASE instruction sets all 4K
bytes in the selected sector to logic 1 or erased state. In order to sector erase the
AT25FS040, two separate instructions must be executed. First, the device must be write
enabled via the WREN instruction. Then the SECTOR ERASE instruction can be exe-
cuted and will erase every byte in the selected sector if the sector is not locked out. The
sector address is automatically determined if any address within the sector is selected
(see Figure 12). The SECTOR ERASE instruction is internally controlled and self timed
to completion. During this time, all commands will be ignored except RDSR instruction.
The progress or completion of the erase operation can be determined by reading
ready/busy bit (bit 0) through RDSR instruction. If Bit 0=1, sector erase cycle is in
progress. If Bit 0=0, the erase operation has been completed. The AT25FS040 will auto-
Table 11. Address Key
Address
AT25FS040
AN
A18 - A0
Don’t Care Bits
A
23 - A19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com