Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FS040 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT25FS040
Description  High Speed Small Sectored SPI Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS040 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT25FS040 Datasheet HTML 12Page - ATMEL Corporation AT25FS040 Datasheet HTML 13Page - ATMEL Corporation AT25FS040 Datasheet HTML 14Page - ATMEL Corporation AT25FS040 Datasheet HTML 15Page - ATMEL Corporation AT25FS040 Datasheet HTML 16Page - ATMEL Corporation AT25FS040 Datasheet HTML 17Page - ATMEL Corporation AT25FS040 Datasheet HTML 18Page - ATMEL Corporation AT25FS040 Datasheet HTML 19Page - ATMEL Corporation AT25FS040 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
AT25FS040
5107D–SFLSH–09/06
Figure 9. FAST READ Timing
Figure 10. PROGRAM Timing
Figure 11. HOLD Timing
CS
SI
SCK
HIGH IMPEDANCE
ADDRESS BITS A23 - A0
DON’T CARE
01
234
D
5
D
6
D
7
D
8
9 10 11 12
... AA
DD
A
29 30 31 32 33 34 35 36 37 38 39 40
SO
41 42 43 44 45 46 47 48
...
A
A
1
1A
A
A
A
0
00
0
0
0
X
X
X
XX
X
X
X
MSB
MSB
MSB
MSB
MSB
OPCODE
DD
DD
DATA BYTE 1
CS
SCK
SI
SO
3-BYTE ADDRESS
1st BYTE DATA-IN
256th BYTE DATA-IN
HIGH IMPEDANCE
012
3
4567
8
9
101128
23 22 21
3
10
6
5
4
3
21
0
7
2
29 30 31 32 33 34
PROGRAM OP-CODE
t
CD
t
HD
t
HZ
t
LZ
t
CD
t
HD
CS
SCK
HOLD
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com