Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FS040 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25FS040
Description  High Speed Small Sectored SPI Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS040 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25FS040 Datasheet HTML 2Page - ATMEL Corporation AT25FS040 Datasheet HTML 3Page - ATMEL Corporation AT25FS040 Datasheet HTML 4Page - ATMEL Corporation AT25FS040 Datasheet HTML 5Page - ATMEL Corporation AT25FS040 Datasheet HTML 6Page - ATMEL Corporation AT25FS040 Datasheet HTML 7Page - ATMEL Corporation AT25FS040 Datasheet HTML 8Page - ATMEL Corporation AT25FS040 Datasheet HTML 9Page - ATMEL Corporation AT25FS040 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
AT25FS040
5107D–SFLSH–09/06
Power On Reset
Protection
In order to prevent data corruption and inadvertent write operations during device
power-up and power down, a Power On Reset (POR) circuit is enabled. At Power-up
(continuous rise of Vcc from 0v), the device will not respond to any instruction and will
be held in reset (which puts the device in standby mode) until the Vcc has reached the
Power On Reset threshold voltage. This threshold is lower than the minimum specified
Vcc operating voltage.
At power down (continuous fall of Vcc), when Vcc drops from the operating voltage
below the POR threshold, all operations are disabled and the device will not respond to
any command. A stable and valid Vcc must be applied before executing any communi-
cation. Please note: The POR threshold trip point is ~1.8V for Serial Flash products and
is ensured by design to have a reset during power-up and power down and is not 100%
tested.
Figure 2. SPI Serial Interface
MASTER:
MICROCONTROLLER
SLAVE:
AT25FS040
DATA OUT (MOSI)
DATA IN (MISO)
SERIAL CLOCK (SPI CK)
SS0
SS1
SS2
SS3
SI
SO
SCK
CS
SI
SO
SCK
CS
SI
SO
SCK
CS
SI
SO
SCK
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com