Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34083 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 14Page - OSRAM GmbH TCS34083 Datasheet HTML 15Page - OSRAM GmbH TCS34083 Datasheet HTML 16Page - OSRAM GmbH TCS34083 Datasheet HTML 17Page - OSRAM GmbH TCS34083 Datasheet HTML 18Page - OSRAM GmbH TCS34083 Datasheet HTML 19Page - OSRAM GmbH TCS34083 Datasheet HTML 20Page - OSRAM GmbH TCS34083 Datasheet HTML 21Page - OSRAM GmbH TCS34083 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Datasheet, Public
Page 17
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide device
control functions and are read to determine device status and
acquire device data.
Register Map
The register set is summarized in Figure 18. The values of all
registers and fields that are listed as reserved or are not listed
must not be changed at any time. The power-on reset values of
each bit are indicated in these columns. Two-byte fields are
always latched with the low byte followed by the high byte.
Figure 18:
Register Map
Addr
Name
Type
Description
Reset
0x80
ENABLE
R/W
Enable device states
0x00
0x81
ATIME
R/W
ALS integration time
0x00
0x83
WTIME
R/W
Wait time
0x00
0x84
AILT
R/W
ALS interrupt low threshold
0x00
0x85
0x00
0x86
AIHT
R/W
ALS interrupt high threshold
0x00
0x87
0x00
0x90
AUXID
R
Auxiliary identification
0x4A
0x91
REVID
R
Revision identification
0x53
0x92
ID
R
Device identification
0x18
0x93
STATUS
R/W
Device status one
0x00
0x94
ASTATUS
RALS status
0x00
0x95
ADATA0
RALS channel zero data
0x00
0x96
0x00
0x97
ADATA1
RALS channel one data
0x00
0x98
0x00
0x99
ADATA2
R
ALS channel two data
0x00
0x9A
0x00
0x9B
ADATA3
R
ALS channel three data
0x00
0x9C
0x00
Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com