Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34083 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 30Page - OSRAM GmbH TCS34083 Datasheet HTML 31Page - OSRAM GmbH TCS34083 Datasheet HTML 32Page - OSRAM GmbH TCS34083 Datasheet HTML 33Page - OSRAM GmbH TCS34083 Datasheet HTML 34Page - OSRAM GmbH TCS34083 Datasheet HTML 35Page - OSRAM GmbH TCS34083 Datasheet HTML 36Page - OSRAM GmbH TCS34083 Datasheet HTML 37Page - OSRAM GmbH TCS34083 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Datasheet, Public
Page 33
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Persistence filters limit the rate of interrupts generated for
proximity and ALS/color data.
Figure 39:
PERS
Note(s):
1. Return to the Register Map (0xBD).
Addr: 0xBD
PERS
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3:0
APERS
0
R/W
ALS Interrupt Persistence. Defines a filter for the number of
consecutive occurrences that ALS/color data must remain outside
the threshold range between AILT and AIHT before an interrupt is
generated. The ALS data channel used for the persistence filter is set
by ALS_TH_CHANNEL. Any sample that is inside the threshold range
resets the counter to 0.
VALUE
CONSECUTIVE ADATA OUT OF RANGE TO INTERRUPT
0
Every ALS cycle generates an interrupt.
11
22
33
45
510
…5
× (APERS – 3)
14
55
15
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com