Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34083 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 31Page - OSRAM GmbH TCS34083 Datasheet HTML 32Page - OSRAM GmbH TCS34083 Datasheet HTML 33Page - OSRAM GmbH TCS34083 Datasheet HTML 34Page - OSRAM GmbH TCS34083 Datasheet HTML 35Page - OSRAM GmbH TCS34083 Datasheet HTML 36Page - OSRAM GmbH TCS34083 Datasheet HTML 37Page - OSRAM GmbH TCS34083 Datasheet HTML 38Page - OSRAM GmbH TCS34083 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
Page 34
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
Status Registers
The primary status register for TCS3408 indicates if there are
saturation or interrupt events that need to be handled by the
user. This register is self-clearing, meaning that writing a 1 to
any bit in the register clears that status bit. In this way, the user
should read the STATUS register, handle all indicated event(s),
then write the register value back to STATUS to clear the
handled events. Writing 0 to these bits will not clear those bits
if they have a value of 1, which means that new events that
occurred since the last read of the STATUS register will not be
accidentally cleared.
Figure 40:
STATUS
Note(s):
1. Return to the Register Map (0x93).
Additional status registers indicate details about saturation,
interrupts, and device execution.
Addr: 0x93
STATUS
Bit
Field
Reset
Type
Bit Description
7ASAT
0
R
ALS and Flicker Detect Saturation. If ASIEN is set,
indicates ALS saturation. Check the STATUS2 register
to differentiate between analog or digital saturation.
6:4
Reserved
0
R
3AINT
0
R
ALS Interrupt. If AIEN is set, indicates that an ALS
event that met the programmed ALS thresholds
(AILT or AIHT) and persistence (APERS) occurred.
2
Reserved
0
1CINT
0
R
Calibration Interrupt. If CIEN is set, indicates that
either calibration is finished or that one of certain
events have occurred during normal operation. If
each function is enabled, CINT will be asserted if too
many zeroes occur too often in a period of samples, if
the proximity baseline has decreased, or if at least
one offset register has been adjusted. Check the
CALIBSTAT register to identify the triggering event(s).
0SINT
0
R
System Interrupt. If SIEN is set, indicates that one or
more of several events has occurred or is complete.
The events related to this interrupt are indicated in
the STATUS5 register (0xA6): flicker detection register
status has changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com