Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34083 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 24Page - OSRAM GmbH TCS34083 Datasheet HTML 25Page - OSRAM GmbH TCS34083 Datasheet HTML 26Page - OSRAM GmbH TCS34083 Datasheet HTML 27Page - OSRAM GmbH TCS34083 Datasheet HTML 28Page - OSRAM GmbH TCS34083 Datasheet HTML 29Page - OSRAM GmbH TCS34083 Datasheet HTML 30Page - OSRAM GmbH TCS34083 Datasheet HTML 31Page - OSRAM GmbH TCS34083 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Datasheet, Public
Page 27
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Figure 29:
CFG12
Note(s):
1. Return to the Register Map (0xB5).
Addr: 0xB5
CFG12
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2:0
ALS_TH_CHANNEL
0
R/W
ALS Thresholds Channel. Sets the channel used by
interrupts, persistence, and the ALS AGC, if enabled, to
determine device status and ALS gain settings.
VALUE
CHANNEL
DEFAULT
00
CLEAR
11
RED
22
GREEN
33
BLUE
44
WIDEBAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com