Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34083 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 33Page - OSRAM GmbH TCS34083 Datasheet HTML 34Page - OSRAM GmbH TCS34083 Datasheet HTML 35Page - OSRAM GmbH TCS34083 Datasheet HTML 36Page - OSRAM GmbH TCS34083 Datasheet HTML 37Page - OSRAM GmbH TCS34083 Datasheet HTML 38Page - OSRAM GmbH TCS34083 Datasheet HTML 39Page - OSRAM GmbH TCS34083 Datasheet HTML 40Page - OSRAM GmbH TCS34083 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
Page 36
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
Figure 42:
STATUS3
Note(s):
1. Return to the Register Map (0xA4).
Figure 43:
STATUS5
Note(s):
1. Return to the Register Map (0xA6).
Addr: 0xA4
STATUS3
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5AINT_AIHT
0
R
ALS Interrupt High. Indicates that an ALS interrupt
occurred because the ALS data exceeded the high
threshold.
4AINT_AILT
0
R
ALS Interrupt Low. Indicates that an ALS interrupt
occurred because the ALS data is below the low
threshold.
3:0
Reserved
8
Addr: 0xA6
STATUS5
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3SINT_FD
0
R
Flicker Detect Interrupt. If SIEN_FD is set, indicates
that the FD_STATUS register status has changed.
2:0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com