Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3410 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TCS3410
Description  Universal Ambient Light RGB Sensor with Selective Flicker Detection for Use Behind OLED Displays or Auxiliary to Camera
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3410 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TCS3410 Datasheet HTML 16Page - OSRAM GmbH TCS3410 Datasheet HTML 17Page - OSRAM GmbH TCS3410 Datasheet HTML 18Page - OSRAM GmbH TCS3410 Datasheet HTML 19Page - OSRAM GmbH TCS3410 Datasheet HTML 20Page - OSRAM GmbH TCS3410 Datasheet HTML 21Page - OSRAM GmbH TCS3410 Datasheet HTML 22Page - OSRAM GmbH TCS3410 Datasheet HTML 23Page - OSRAM GmbH TCS3410 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
Datasheet, Public
Page 19
[v3-00] 2022-Dec-10
Document Feedback
TCS3410 − Register Overview
0x94
ALS_STATUS
ALS Status information 1
0x00
0x95
ALS_DATA0[7:0]
ALS data channel 0 low byte [7:0]
0x00
0x96
ALS_DATA0[15:8]
ALS data channel 0 high byte [15:8]
0x00
0x97
ALS_DATA1[7:0]
ALS data channel 1 low byte [7:0]
0x00
0x98
ALS_DATA1[15:8]
ALS data channel 1 high byte [15:8]
0x00
0x99
ALS_DATA2[7:0]
ALS data channel 2 low byte [7:0]
0x00
0x9A
ALS_DATA2[15:8]
ALS data channel 2 high byte [15:8]
0x00
0x9B
ALS_STATUS2
ALS Status information 2
0x00
0x9C
ALS_STATUS3
ALS Status information 3
0x00
0x9D
STATUS2
Device Status information 2
0x00
0x9E
STATUS3
Device Status information 3
0x08
0x9F
STATUS4
Device Status information 4
0x00
0xA0
STATUS5
Device Status information 5
0x00
0xA1
CFG0
Configuration 0
0x08
0xA2
CFG1
Configuration 1
0x00
0xA3
CFG2
Configuration 2
0x01
0xA4
CFG3
Configuration 3
0x00
0xA5
CFG4
Configuration 4
0x00
0xA6
CFG5
Configuration 5
0x00
0xA7
CFG6
Configuration 6
0x03
0xA8
CFG7
Configuration 7
0x01
0xA9
CFG8
Configuration 8
0xC4
0xAA
CFG9
Configuration 9
0x00
0xAC
AGC_NR_SAMPLES[7:0]
Number of samples for measurement with AGC low
[7:0]
0x00
0xAD
AGC_NR_SAMPLES[10:8]
Number of samples for measurement with AGC high
[10:8]
0x00
0xAE
TRIGGER_MODE
Wait Time Mode
0x00
0xB1
CONTROL
Device control settings
0x00
0xBA
INTENAB
Enable interrupts
0x00
0xBB
SIEN
Enable saturation interrupts
0x00
Addr
Name
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com